Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP08065V1 Datasheet(PDF) 1 Page - Shenzhen Meipusen Semiconductor Co., Ltd

Part # MSP08065V1
Description  650V Silicon Carbide Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Direct Link  http://www.meipusen.com/
Logo MAPLESMI - Shenzhen Meipusen Semiconductor Co., Ltd

MSP08065V1 Datasheet(HTML) 1 Page - Shenzhen Meipusen Semiconductor Co., Ltd

  MSP08065V1 Datasheet HTML 1Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 2Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 3Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 4Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 5Page - Shenzhen Meipusen Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSP08065V1
650V Silicon Carbide Diode
Features
-650-Volt Schottky Rectifier
Benefits
Higher safety margin against overvoltage
650 Volt Schottky Rectifier
-Shorter recovery time
-High-speed switching possible
-High-Frequency Operation
-Temperature-Independent Switching Behavior
-Extremely Fast Switching
-Positive Temperature Coefficient on VF
-Higher safety margin against overvoltage
-Improved efficiency all load conditions
-Increased efficiency compared to Silicon Diode alternatives
-Reduction of Heat Sink Requirements
-Parallel Devices Without Thermal Runaway
-Essentialy No Switching Losses
Applications
Package
Applications
-Switch Mode Power Supplies
-Power Factor Correction
-Motor Drives
-HID Lighting
Package
Type : TO-220 -2lead
1、Cathode 2、Anode
12
Absolute Maximum Ratings
TC = 25°C unless otherwise noted
Symbol
Parameter
MSP08065V1
Units
VRRM
Repetitive Peak Reverse Voltage
650
V
VRSM
Surge Peak Reverse Voltage
650
V
VDC
DC Blocking Voltage
650
V
IF
Continuous Forward Current
@Tc=25℃
@Tc=135℃
@Tc=150℃
24
11
8
A
IFRM
Repetitive Peak Forward Surge Current @TC=25 ̊C
fS
@ C
̊C
56
35
A
IFRM
tp = 10 ms, Half Sine Wave
@TC=110 ̊C
35
A
IFSM
Non-Repetitive Peak Forward Surge Current @TC=25 ̊C
tp= 10 ms, Half Sine Wave
@TC=110 ̊C
78
57
A
IFSM
Non-Repetitive Peak Forward Surge Current
@TC=25 ̊C, tp= 10 us,pulse
200
A
Ptot
Power Dissipation
@Tc=25℃
@Tc=110℃
117
51
W
Meipusen Co.,Ltd
http://www.meipusen.com
Rev1.2 Sep . 2018
TJ , Tstg
Operating Junction and Storage Temperature
-55 to +175
̊ C
page1


Similar Part No. - MSP08065V1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
MSP08065G1 MAPLESMI-MSP08065G1 Datasheet
271Kb / 3P
650V Silicon Carbide Diode
More results

Similar Description - MSP08065V1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
MS2H20065V1 MAPLESMI-MS2H20065V1 Datasheet
242Kb / 4P
650V Silicon Carbide Diode
MS2H30065V1 MAPLESMI-MS2H30065V1 Datasheet
329Kb / 4P
650V Silicon Carbide Diode
MSB10065V1 MAPLESMI-MSB10065V1 Datasheet
281Kb / 4P
650V Silicon Carbide Diode
MSD06065V1 MAPLESMI-MSD06065V1 Datasheet
196Kb / 3P
650V Silicon Carbide Diode
MSF06065V1 MAPLESMI-MSF06065V1 Datasheet
294Kb / 5P
650V Silicon Carbide Diode
MSF10065V1 MAPLESMI-MSF10065V1 Datasheet
374Kb / 5P
650V Silicon Carbide Diode
MSP06065V1 MAPLESMI-MSP06065V1 Datasheet
218Kb / 5P
650V Silicon Carbide Diode
MSP08065G1 MAPLESMI-MSP08065G1 Datasheet
271Kb / 3P
650V Silicon Carbide Diode
MSP10065V1 MAPLESMI-MSP10065V1 Datasheet
242Kb / 5P
650V Silicon Carbide Diode
MSP16065V1 MAPLESMI-MSP16065V1 Datasheet
240Kb / 5P
650V Silicon Carbide Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com