Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP175G Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
33 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
PHY
MII
R/W
Description
Default
Auto-Negotiation Advertisement Register
4.15
R/W
1 = Next pages are supported
0 = Next pages are not supported
1
4.14
RO Reserved by IEEE, write as 0, ignore on read
0
4.13
R/W
Remote Fault
1 = Advertises that this port has detected a remote fault.
0 = There is no remote fault.
0
4.12
RO Reserved for future IEEE use, write as 0, ignore on read
0
4.11
RW
Asymmetric PAUSE
1 = Asymmetric flow control is supported
0 = Asymmetric flow control is not supported
1
4.10
RW
PAUSE
1 = Symmetric flow control is supported
0 = Symmetric flow control is not supported
1
4.9
RO 100BASE-T4 Not supported
0
4.8
R/W
100BASE-TX full duplex
1 = 100BASE-TX full duplex is supported
0 = 100BASE-TX full duplex is not supported
1
4.7
R/W
100BASE-TX
1 = 100BASE-TX is supported
0 = 100BASE-TX is not supported
1
4.6
R/W
10BASE-T full duplex
1 = 10BASE-T full duplex is supported
0 = 10BASE-T full duplex is not supported
1
4.5
R/W
10BASE-T
1 = 10BASE-T is supported
0 = 10BASE-T is not supported
1
2
3
4
6
7
4[4:0]
RO
Selector Field
Use to identify the type of message being sent by Auto-Negotiation.
5’b00001
PHY
MII
R/W
Description
Default
Auto-Negotiation Link Partner Ability Register
5.15
RO
Next Page
1 = Next Page ability is supported by link partner
0 = Next Page ability does not supported by link partner
0
5.14
RO
Acknowledge
1 = Link partner has received the ability data word
0 = Not acknowledge
0
5.13
RO
Remote Fault
1 = Link partner indicates a remote fault
0 = No remote fault indicate by link partner
If this bit is set to logic 1, then bit 1.4 (Remote fault) will set to logic 1.
0
2
3
4
6
7
5.12
RO Reserved by IEEE for future use, write as 0, and read as 0.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com