Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2225DEVBA Datasheet(PDF) 18 Page - Qorvo, Inc

Part # QPA2225DEVBA
Description  28 ??38 GHz 0.4 Watt GaN Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2225DEVBA Datasheet(HTML) 18 Page - Qorvo, Inc

Back Button QPA2225DEVBA Datasheet HTML 14Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 15Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 16Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 17Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 18Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 19Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 20Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 21Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 22Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
QPA2225D
28 – 38 GHz 0.4 Watt GaN Driver Amplifier
Data Sheet Rev. A, February 2019 | Subject to change without notice
18 of 23
www.qorvo.com
®
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (θJC) (1)
Tbase = 85 ºC, VD = 20 V, IDQ = 64 mA, PDISS = 1.28
W, No RF (quiescent DC operation)
26.9
ºC/W
Channel Temperature, TCH (No RF) (2)
106
°C
Thermal Resistance (θJC) (1)
Tbase = 85 ºC, VD = 20 V, IDQ = 64 mA, Freq = 32
GHz, ID_Drive = 165 mA, PIN = 13 dBm, POUT = 25.8
dBm, PDISS = 2.95 W
PDISS = 9.36 W
17.3
ºC/W
Channel Temperature, TCH (Under RF) (2)
136
°C
Thermal Resistance (θJC) (1)
Tbase = 85 ºC, VD = 28 V, IDQ = 64 mA, Freq = 32
GHz, ID_Drive = 158 mA, PIN = 13 dBm, POUT = 25.5
dBm, PDISS = 4.1 W
PDISS = 12.25 W
18.1
ºC/W
Channel Temperature, TCH (Under RF) (2)
159
ºC
Notes:
1.
Thermal resistance determined to the back of a 20 mil Cu-Mo carrier plate with eutectic die attach (85 ºC)
2.
Refer to the following document: GaN Device Channel Temperature, Thermal Resistance, and Reliability Estimates
Dissipated Power and Maximum Gate Current
Test conditions, unless otherwise noted: CW, VD = 20 V, IDQ = 64 mA, PIN = +13dBm, TBASE = +8
5 ºC
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
26
28
30
32
34
36
38
40
42
Frequency (GHz)
Dissipated Power vs. Freq. vs. VD
20 V
22 V
24 V
26 V
28 V
TBASE = 85 ºC
0
5
10
15
20
25
30
35
40
110
120
130
140
150
160
170
180
Channel Temperature (°C)
IG_MAX vs. TCH
Total Ig
Each Stage Ig



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com