Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP4057 Datasheet(PDF) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4057
Description  600mA lithium battery charger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4057 Datasheet(HTML) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4057 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4057 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4057 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4057 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4057 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4057 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TP4057
600mA 锂电池充电器
V2.1
ShenZhen TPOWER Semiconductor
2
管脚
SOT23-6L
定购信息
封装
定购型号
包装形式
产品正印
SOT23-6L
TP4057
Tape and Reel
TP4057
极限参数(注 1)
符号
参数
额定值
单位
VCC
输入电源电压
-0.3~7
V
PROG
PROG 脚电压
-0.3~0.3
V
BAT
BAT 脚电压
-0.3~7
V
CHRG
CHRG 脚电压
-0.3~7
V
TBAT_SHT
BAT 脚短路持续时间
连续
-
IBAT
BAT 脚电流
600
mA
IPROG
PROG 脚电流
600
uA
TOP
工作环境温度
-40~85
℃
TSTG
储存温度
-65~125
℃
ESD
HBM
2000
V
MM
200
V
注 1:最大极限值是指超出该工作范围芯片可能会损坏。



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com