Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS660GI Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS660GI
Description  Digital Video Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS660GI Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS660GI Datasheet HTML 1Page - Integrated Circuit Systems ICS660GI Datasheet HTML 2Page - Integrated Circuit Systems ICS660GI Datasheet HTML 3Page - Integrated Circuit Systems ICS660GI Datasheet HTML 4Page - Integrated Circuit Systems ICS660GI Datasheet HTML 5Page - Integrated Circuit Systems ICS660GI Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Digital Video Clock Source
MDS 660 E
4
Revision 040104
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS660
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS660. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature -40 to +85
° C
Item
Rating
Supply Voltage, VDD
5.5 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.6
V
VDDO
2.5
VDD
V
VDDR
2.5
VDD
V
Supply Current
IDD
No Load
25
mA
Standby Supply Current
IDDPD
75
µA
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -20 mA
2.4
V
Output Low Voltage
VOL
IOL = 20 mA
0.4
V
Short Circuit Current
IOS
Each output
±65
mA
Nominal Output Impedance
ZOUT
20
Input Capacitance
CIN
input pins
7
pF
Internal Pull-up Resistor
RPU
120
k



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com