Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6024 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # 2SC6024
Description  UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6024 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button 2SC6024 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 9Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 10Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 11Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 12Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 13Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 14Page - Sanyo Semicon Device 2SC6024 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2SC6024
No.8290-13/15
S Parameters (Common emitter)
VCE=3V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.64
--41.1
23.07
142.7
0.02
76.3
0.80
--33.1
400
0.49
--75.9
17.49
118.2
0.04
72.3
0.60
--54.0
600
0.39
--99.9
12.86
104.1
0.05
71.8
0.47
--66.4
800
0.34
--117.8
9.93
95.5
0.07
71.8
0.39
--75.1
1000
0.31
--130.1
8.00
89.8
0.08
72.1
0.33
--81.7
1200
0.30
--140.3
6.70
85.3
0.09
71.7
0.30
--87.3
1400
0.29
--148.3
5.76
81.5
0.11
71.8
0.27
--92.1
1600
0.28
--155.1
5.06
78.2
0.12
71.3
0.25
--96.4
1800
0.28
--161.2
4.51
75.1
0.14
70.9
0.24
--100.4
2000
0.28
--166.6
4.08
72.3
0.15
70.3
0.23
--104.4
2200
0.28
--171.1
3.73
69.5
0.16
69.4
0.22
--107.9
2400
0.28
--175.6
3.44
66.9
0.18
68.7
0.22
--111.4
2600
0.28
--179.6
3.19
64.3
0.19
68.1
0.21
--114.8
2800
0.28
176.8
2.98
61.9
0.21
67.3
0.21
--117.8
3000
0.28
173.3
2.80
59.6
0.22
66.4
0.21
--120.5
3200
0.29
170.1
2.64
57.3
0.23
65.5
0.21
--123.7
3400
0.29
167.3
2.51
55.0
0.25
64.5
0.21
--126.5
3600
0.29
164.1
2.39
52.8
0.26
63.5
0.21
--129.6
3800
0.30
161.3
2.29
50.5
0.28
62.4
0.22
--132.4
4000
0.30
159.1
2.19
48.4
0.29
61.3
0.22
--135.5
4200
0.30
156.0
2.10
46.2
0.31
60.3
0.22
--138.3
4400
0.31
153.7
2.03
44.2
0.32
59.1
0.23
--140.8
4600
0.31
151.5
1.96
42.0
0.33
57.9
0.23
--143.8
4800
0.32
148.8
1.89
40.1
0.35
56.7
0.24
--146.7
5000
0.32
146.8
1.83
38.1
0.36
55.6
0.24
--149.2
5200
0.33
144.5
1.77
36.1
0.37
54.4
0.25
--151.9
5400
0.33
142.3
1.72
34.2
0.39
53.2
0.25
--154.7
5600
0.33
140.1
1.67
32.3
0.40
51.9
0.26
--157.3
5800
0.34
137.9
1.63
30.5
0.41
50.7
0.26
--159.5
6000
0.34
136.1
1.59
28.7
0.43
49.4
0.26
--162.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com