Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1023S2 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFHA1023S2
Description  225W GaN Wideband Pulsed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1023S2 Datasheet(HTML) 2 Page - RF Micro Devices

  RFHA1023S2 Datasheet HTML 1Page - RF Micro Devices RFHA1023S2 Datasheet HTML 2Page - RF Micro Devices RFHA1023S2 Datasheet HTML 3Page - RF Micro Devices RFHA1023S2 Datasheet HTML 4Page - RF Micro Devices RFHA1023S2 Datasheet HTML 5Page - RF Micro Devices RFHA1023S2 Datasheet HTML 6Page - RF Micro Devices RFHA1023S2 Datasheet HTML 7Page - RF Micro Devices RFHA1023S2 Datasheet HTML 8Page - RF Micro Devices RFHA1023S2 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131021
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 10
RFHA1023
Absolute Maximum Ratings
Parameter
Rating
Unit
Drain Voltage (VD)
150
V
Gate Voltage (VG)
-8 to +2
V
Gate Current (IG)
155
mA
Operational Voltage
40
V
Ruggedness (VSWR)
10:1
Storage Temperature Range
-55 to +125
°C
Operating Temperature Range (TC)
-40 to +85
°C
Operating Junction Temperature (TJ)
250
°C
Human Body Model
Class 1A
MTTF (TJ < 200°C)
3.0E + 06
Hours
MTTF (TJ < 250°C)
1.4E + 05
Thermal Resistance, RTH
(junction to case)
TC = 85°C, DC bias only
TC = 85°C, 100s pulse, 10% duty cycle
TC = 85°C, 1ms pulse, 10% duty cycle
0.90
0.18
0.34
°C/W
Caution! ESD sensitive device.
RFMD Green: RoHS compliant per EU
Directive 2011/65/EU, halogen free per
IEC 61249-2-21, <1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Recommended Operating
Conditions
Drain Voltage (VDSQ)
36
V
Gate Voltage (VGSQ)
-8
-3
-2
V
Drain Bias Current
440
mA
Frequency of Operation
1200
1400
MHz
DC Functional Test
IG (OFF) - Gate Leakage
2
mA
VG = -8V, VD = 0V
ID (OFF) - Drain Leakage
2
mA
VG = -8V, VD = 50V
VGS (TH) - Threshold Voltage
-3.4
V
VD = 36V, ID = 20mA
VDS (on) - Drain Voltage at High Current
0.22
V
VG = 0V, VD = 1.5A
*MTTF - Median time to failure as determined by the process technology wear-out failure mode. Refer to product qualification report for FIT (random)
failure rate.
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage and
current must not exceed the maximum operating values specified in the table above.
Bias conditions should also satisfy the following expression: PDISS < (TJ - TC) / RTH J-C and TC = TCASE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com