Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC-01 Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # LPC-01
Description  Mini-ITX Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

LPC-01 Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  LPC-01 Datasheet HTML 1Page - VIA Technologies, Inc. LPC-01 Datasheet HTML 2Page - VIA Technologies, Inc. LPC-01 Datasheet HTML 3Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering Information
Model Name
CPU Frequency
Description
EPIA-M910-12Q
VIA QuadCore E-Series @ 1.2GHz
Mini-ITX Board with 1.2GHz VIA QuadCore E-Series CPU with HDMI, VGA, 2 LVDS, 8 USB 2.0,
8 COM, 2 Gigabit Ethernet, 2 SATA, PCI slot, PCIe x1 slot, ATX power connector
EPIA-M910-12PQ
VIA QuadCore E-Series @ 1.2GHz
Mini-ITX Board with 1.2GHz VIA QuadCore E-Series CPU with HDMI, VGA, 2 LVDS, 8 USB 2.0,
8 COM, 2 Gigabit Ethernet, 2 SATA, PCI slot, PCIe x1 slot, 12V DC-in
EPIA-M910-16
VIA Nano® X2 E-Series @ 1.6GHz
Mini-ITX Board with 1.6GHz VIA Nano® X2 E-Series CPU with HDMI, VGA, 2 LVDS, 8 USB 2.0,
8 COM, 2 Gigabit Ethernet, 2 SATA, PCI slot, PCIe x1 slot, ATX power connector
EPIA-M910-16P
VIA Nano® X2 E-Series @ 1.6GHz
Mini-ITX Board with 1.6GHz VIA Nano® X2 E-Series CPU with HDMI, VGA, 2 LVDS, 8 USB 2.0,
8 COM, 2 Gigabit Ethernet, 2 SATA, PCI slot, PCIe x1 slot, 12V DC-in
EPIA-M910-10E
VIA Eden® X2 @ 1.0GHz
Mini-ITX Board with 1.0GHz VIA Eden® X2 CPU with HDMI, VGA, 2 LVDS, 8 USB 2.0, 8 COM,
2 Gigabit Ethernet, 2 SATA, PCI slot, PCIe x1 slot ATX power connector
EPIA-M910-10PE
VIA Eden® X2 @ 1.0GHz
Mini-ITX Board with 1.0GHz VIA Eden® X2 CPU, with HDMI, VGA, 2 LVDS, 8 COM, 8 USB 2.0,
2 Gigabit Ethernet, 2 SATA, PCI slot, PCIe x1 slot, 12V DC-in
Back Panel I/O
Accessories
EMIO-1533 USB Wi-Fi Module
802.11b/g/n standards
COM
HDMI
USB 2.0
COM
VGA
Ethernet
Mic-in
Line-in
Line-out
PS/2
Keyboard
PS/2
Mouse
PCIE-03
PCI & 1-lane PCIe riser card
LPC-01/02/04
Up to 4 additional COM ports
PWB-M120
120W DC-DC power board,
voltage range from 12V~24V
EXT-PCI
One to two PCI riser card
Optional Accessories
I/O Expansion Cards
Part Number
Description
LPC-01
Expansion module for four COM ports
LPC-02
Expansion module for four COM ports (5V or 12V)
LPC-04
Expansion module for two or four COM ports (5V or 12V)
PWB-M120
120W DC-DC power board, voltage range from 12V~24V
PCIE-03
PCI & 1-lane PCIe riser card
EXT-PCI
One to two PCI riser card
Wireless Modules
Part Number
Description
EMIO-1533-00A2
VNT9271 IEEE 802.11 b/g/n USB Wi-Fi module with assembly kit and antenna
EMIO-5531-00A1
VAB-820-W IEEE 802.11b/g/n USB Wi-Fi & Bluetooth module with assembly kit and antenna
EMIO-5531 USB Wi-Fi + BT Module
802.11b/g/n standards
Bluetooth 2.1 + EDR specification



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com