Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC-01 Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # LPC-01
Description  Mini-ITX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

LPC-01 Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  LPC-01 Datasheet HTML 1Page - VIA Technologies, Inc. LPC-01 Datasheet HTML 2Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All product specifications are subject to change without notice. Update: Mar. 21, 2019.
www.viatech.com
Block Diagram
Ordering Information
Model Name
CPU Frequency
Description
VB7009-12QCE
VIA Eden® X4 @ 1.2GHz
Mini-ITX Board with 1.2GHz VIA Eden® X4 E-Series CPU with VGA, LVDS, 8 USB 2.0, 6 COM,
2 Gigabit Ethernet, 2 SATA, PCI slot, ATX connector
VB7009-16
VIA C7®-D @ 1.6GHz
Mini-ITX Board with 1.6GHz VIA C7®-D CPU with VGA, LVDS,8 USB 2.0, 4 COM,
2 Gigabit Ethernet, 2 SATA, PCI slot, ATX connector
VB7009-10E
VIA C7® @ 1.0GHz
Mini-ITX Board with 1.0GHz VIA C7® CPU with VGA, LVDS, 8 USB 2.0, 4 COM,
2 Gigabit Ethernet, 2 SATA, PCI slot, ATX connector
Packing List
Items
VB7009 board
SATA cable
I/O bracket
Accessories
Back Panel I/O
PS/2
Mouse
PS/2
Keyboard
COM
VGA
Parallel port
Ethernet
Mic-in
USB
Line-in
Line-out
PWB-M120
120W DC-DC power board,
voltage range from 12V~24V
EXT-PCI
One to two PCI riser card
EMIO-1533 USB Wi-Fi Module
802.11b/g/n standards
LPC
+/- HCLK
+/- CPU CLK
VID/C7 1.0GHz
KB/MS
R/G/B
DVP1
PCIe
SATA
CHA
USB
SPI
PCI
SM Bus
PCIe
ATXPWR
VX900
VIA C7® 1.0GHz
VIA C7®-D 1.6GHz
VIA Eden® X4 1.2GHz
ICS9UM709
Clock Generator
Line-in, Line-out, Mic-in
Front Audio- Line-out, Mic-in, S/PDIF out
CPU CORE
ISL6261A
VGA
PS2 KB/MS
and Pin Header
VT1708S
HD Audio
Front Panel
VT1636
LVDS Connector
RJ45
240 pin DDR3
1066 DIMM
SATA x2
RJ45
COM1 Type D
COM2~6 Pin Headers x5
USB Port x8
SPI ROM
SM Bus
PCI slot
VT6130
VT6130
LPC Connector
H/W Monitor
DIO
SIR
Fan x2
LPT
F81865F-I
DDR3 Power &
System Power
LPC-01/02/04
Up to 4 additional COM ports
Optional Accessories
I/O Expansion Cards
Part Number
Description
LPC-01
Expansion module for four COM ports
LPC-02
Expansion module for four COM ports (5V or 12V)
LPC-04
Expansion module for two or four COM ports (5V or 12V)
PWB-M120
120W DC-DC power board, voltage range from 12V~24V
EXT-PCI
One to two PCI riser card
Wireless Modules
Part Number
Description
EMIO-1533-00A2
VNT9271 IEEE 802.11b/g/n USB Wi-Fi module with assembly kit and antenna
EMIO-5531-00A1
VAB-820-W IEEE 802.11b/g/n USB Wi-Fi & Bluetooth module with assembly kit and antenna
EMIO-5531 USB Wi-Fi + BT Module
802.11b/g/n standards
Bluetooth 2.1 + EDR specification



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com