Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7502 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM7502
Description  Multi-Function PCM CODEC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7502 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM7502 Datasheet HTML 8Page - OKI electronic componets MSM7502 Datasheet HTML 9Page - OKI electronic componets MSM7502 Datasheet HTML 10Page - OKI electronic componets MSM7502 Datasheet HTML 11Page - OKI electronic componets MSM7502 Datasheet HTML 12Page - OKI electronic componets MSM7502 Datasheet HTML 13Page - OKI electronic componets MSM7502 Datasheet HTML 14Page - OKI electronic componets MSM7502 Datasheet HTML 15Page - OKI electronic componets MSM7502 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
¡ Semiconductor
MSM7502
12/35
CEN
Chip Enable signal input.
When CEN is in digital "0" state, WRN and RDN are valid.
RESETN
Reset signal input.
Digital "0" input to RESETN makes all of internal control registers to be initialized. When
powered on, this RESETN signal should be input for initializing the system.
TIMEN
Watchdog timer output.
When the processor does not reset the timer, the 500 ms period (Digital "0" : 4 ms) digital signal
is continuously output. When RESETN is at digital "0", this timer is reset. And, in about 500 ms
after RESETN goes to digital "1", the first timer output signal is issued and then the timer signal
is output at intervals of a 500 ms. If the SYNC signal is not input, the TIMEN signal is not output.
LML
Control signal output for external hold tone generator.
LML goes to digital "1" state when the hold tone transmit mode on transmit path or the hold
acknowledge tone mode on receive path is selected. During initialized state, LML is in digital "0"
state.
VLCD
By processor control, VLCD outputs a DC voltage between 0 and 1.7 V is about 0.25 V step.
This is used to control the deflection angle of the LCD display. VLCD has the internal resistance
value of about 1 kW, so the external load of over 100 kW should be used. During initialized state,
VLCD outputs the voltage of 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com