Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISCNH53P Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCNH53P
Description  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCNH53P Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCNH53P Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCNH53P Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
ISCNH53P
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID =250μA
60
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID =250μA
2
4
V
RDS(on)
Drain-Source On-Resistance
VGS=10V; ID=30A
9
11
mΩ
IGSS
Gate-Source Leakage Current
VGS=±20V
±100
nA
IDSS
Drain-Source Leakage Current
VDS=60V; VGS= 0V
1
μ
A
Ciss
Input Capacitance
VDS=25V; VGS= 0V, f=1MHZ
2300
pF
Coss
Output Capacitance
230
pF
Crss
Reverse Transfer Capacitance
205
pF
VSD
Diode forward voltage
IS=30A; VGS = 0 V
1.2
V
trr
Reverse Recovery Time
TJ=25°C;IF=75A;di/dt = 100A/μs
28
nS
Qrr
Reverse Recovery Charge
50
nC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com