Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUW46 Datasheet(PDF) 2 Page - Seme LAB

Part # BUW46
Description  NPN SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUW46 Datasheet(HTML) 2 Page - Seme LAB

  BUW46 Datasheet HTML 1Page - Seme LAB BUW46 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUW46
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 6321
Issue 1
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 100mA
VCE = 900V
VBE = 0V
TC = 125°C
IC = 0
VEB = 7V
IC = 10A
IB = 2A
IC = 7A
IB = 1.0A
IC = 10A
IB = 2A
IC = 7A
IB = 1.0A
IC = 10A
IB1 =2A
VCC = 250V
IC = 10A
IB1 =2A
VCC = 250V
IB2 = –2A
Collector - Emitter Breakdown
Voltage
Collector Cut-off Current
Emitter Cut-off Current
Collector – Emitter
Saturation Voltage
Base – Emitter
Saturation Voltage
Turn–On Time
Storage Time
Fall Time
450
500
3
1.0
1.5
1.5
1.8
1.4
0.75
3
0.8
V
µA
mA
mA
V
V
µs
µs
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
VCEO(BR)*
ICES
IEBO
VCE(sat)*
VBE(sat)*
ton
ts
tf
(*) Pulse test: tp ≤ 300µs , δ ≤ 1.5%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com