Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFM201AFG Datasheet(PDF) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FFM201AFG
Description  Chip Silicon Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FFM201AFG Datasheet(HTML) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FFM201AFG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FFM201AFG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FFM201AFG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMAF
1. Cathode
2. Anode
2
1
2
FFM201AFG
FFM202AFG
FFM203AFG
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =2.0A
F
*5 Maximum Reverse recovery time, note 1
V
F
(V)
*4
FFM204AFG
FFM205AFG
400
600
280
420
1.30
-55 to +150
FFM206AFG
FFM207AFG
800
1000
560
700
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
θJA
C
J
T
STG
A
A
μA
OC/W
OC
pF
2.0
50
5.0
+150
-55
65
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
O
Junction to ambient
40
100
T
RR
(nS)
*5
150
250
500
50
100
200
400
600
800
1000
(C)
O
Operating
temperature
T,
J
Note 1. Reverse recovery time test condition, I =0.5A, I =1.0A, I
=0.25A
FRRR
FFM201AFG THRU FFM207AFG
Chip Silicon Rectifier
2.0A Fast Recovery
Rectifiers-50-1000V
Batch process design, excellent power dissipation offers
•
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
•
• High current capability.
• Fast switching for high efficiency.
• High surge current capability.
• Glass passivated chip junction.
• Lead- free parts meet RoHS requirments.
Features
Maximum ratings (AT T =25
A
oC unless otherwise noted)
@ 2018 Copyright By American First Semiconductor
REV:1.0
Page 1/3


Similar Part No. - FFM201AFG

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM201A RECTRON-FFM201A Datasheet
401Kb / 6P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Shenzhen Foster Semicon...
FFM201AG FOSTER-FFM201AG Datasheet
3Mb / 3P
Chip Silicon Rectifier
More results

Similar Description - FFM201AFG

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
FM4001-M WINNERJOIN-FM4001-M Datasheet
168Kb / 2P
Chip Silicon Rectifier
logo
Shenzhen Foster Semicon...
FFM101AFG FOSTER-FFM101AFG Datasheet
4Mb / 3P
Chip Silicon Rectifier
FFM201AG FOSTER-FFM201AG Datasheet
3Mb / 3P
Chip Silicon Rectifier
FFM201BG FOSTER-FFM201BG Datasheet
4Mb / 3P
Chip Silicon Rectifier
FFM301CG FOSTER-FFM301CG Datasheet
2Mb / 3P
Chip Silicon Rectifier
MURS105AG FOSTER-MURS105AG Datasheet
3Mb / 2P
Chip Silicon Rectifier
MURS105MG FOSTER-MURS105MG Datasheet
2Mb / 3P
Chip Silicon Rectifier
MURS205AG FOSTER-MURS205AG Datasheet
2Mb / 2P
Chip Silicon Rectifier
MURS205BG FOSTER-MURS205BG Datasheet
3Mb / 3P
Chip Silicon Rectifier
MURS305BG FOSTER-MURS305BG Datasheet
3Mb / 3P
Chip Silicon Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com