Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7756ARS Datasheet(PDF) 28 Page - Analog Devices

Part # ADE7756ARS
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756ARS Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE7756ARS Datasheet HTML 24Page - Analog Devices ADE7756ARS Datasheet HTML 25Page - Analog Devices ADE7756ARS Datasheet HTML 26Page - Analog Devices ADE7756ARS Datasheet HTML 27Page - Analog Devices ADE7756ARS Datasheet HTML 28Page - Analog Devices ADE7756ARS Datasheet HTML 29Page - Analog Devices ADE7756ARS Datasheet HTML 30Page - Analog Devices ADE7756ARS Datasheet HTML 31Page - Analog Devices ADE7756ARS Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
REV. 0
ADE7756
–28–
Table IV. Register List
No. of
Address
Name
R/W
Bits
Default
Description
00h
Not Used
No Operation.
01h
WAVEFORM
R
24
0h
The Waveform register is a 24 bit read-only register. This register
contains the sampled waveform data from either Channel 1, Channel 2
or the Active Power signal. The data source is selected by data bits 14
and 13 in the Mode Register—see Channel 1 and 2 Sampling sections.
02h
AENERGY
R
40
0h
The Active Energy Register. Active Power is accumulated (Integrated)
over time in this 40-bit, read-only register. The energy register can hold a
minimum of 6 seconds of Active Energy information with full-scale
analog inputs before it overflows—see Energy Calculation section.
03h
RSTENERGY
R
40
0h
Same as the Active Energy register except that the register is reset to
zero following a read operation
04h
STATUS
R
8
0h
The Interrupt Status Register. This is an 8-bit read-only register. The
Status Register contains information regarding the source of ADE7756
interrupts—see Interrupts section.
05h
RSTSTATUS
R
8
0h
Same as the Interrupt Status register except that the register contents
are reset to zero (all flags cleared) after a read operation.
06h
MODE
R/W
16
000Ch
The Mode Register. This is a 16-bit register through which most of the
ADE7756 functionality is accessed. Signal sample rates, filter enabling
and calibration modes are selected by writing to this register. The contents
may be read at any time—see Mode Register section.
07h
CFDIV
R/W
12
3Fh
The Frequency Divider Register. This is a 12-bit read/write register.
The output frequency on the CF pin is adjusted by writing to this
register—see Energy to Frequency Conversion section.
08h
CH1OS
R/W
6
0h
Channel 1 Offset Adjust. Writing to this 6-bit register allows any off-
sets on Channel 1 to be removed—see Analog Inputs section.
09h
CH2OS
R/W
6
0h
Channel 2 Offset Adjust. Writing to this 6-bit register allows any off-
sets on Channel 2 to be removed—see Analog Inputs section.
0Ah
GAIN
R/W
8
0h
PGA Gain Adjust. This 8-bit register is used to adjust the gain selec-
tion for the PGA in Channel 1 and Channel 2—Analog Inputs section.
0Bh
APGAIN
R/W
12
0h
Active Power Gain Adjust. This is a 12-bit register. The Active Power
calculation can be calibrated by writing to this register. The calibration
range is
± 50% of the nominal full scale active power. The resolution
of the gain adjust is 0.0244%/LSB—see Channel 1 ADC Gain
Adjust section.
0Ch
PHCAL
R/W
6
0h
Phase Calibration Register. The phase relationship between Channel 1
and Channel 2 can be adjusted by writing to this 6-bit register. The
adjustment range is approximately
±3.1° at 60 Hz in 0.097° steps—see
Phase Compensation section.
0Dh
APOS
R/W
12
8h
Active Power Offset Correction. This 12-bit register allows small off-
sets in the Active Power Calculation to be removed—see Active Power
Calculation section.
0Eh
ZXTOUT
R/W
12
FFFFh
Zero-Cross Time Out. If no zero crossings are detected on Channel 2
within a time period specified by this 12-bit register, the interrupt
request line (
IRQ) will be activated. The maximum time-out period is
0.15 second—see Zero Crossing Detection section.
0Fh
SAGCYC
R/W
8
FFh
Sag Line Cycle Register. This 8-bit register specifies the number of
consecutive half line cycles the signal on Channel 2 must be below
SAGLVL before the SAG output is activated—see Voltage Sag Detec-
tion section. It is also used during calibration mode to set the number
of line cycles Active power is accumulated for Energy calibration—see
Energy Calibration section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com