Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIR2N90FG Datasheet(PDF) 6 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR2N90FG
Description  900V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR2N90FG Datasheet(HTML) 6 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR2N90FG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N90FG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
DUT
VVDS
DS
++
__
Dri
Drivveerr
R
RGG
Sa
Sam
mee Ty
Typpee
as D
as DU
UTT
VVGS
GS
•• ddvv//dt
dt co
cont
ntrol
rollleedd bbyy R
RGG
••IISD
SD c
coonnttrroolllleed by
d by ppuullssee pe
perriiod
od
VVDD
DD
LLL
II SD
SD
10
10VV
V
V
GS
GS
(( D
Drriiver
ver ))
II
SD
SD
( DUT )
( DUT )
V
V
DS
DS
( DUT )
( DUT )
VVDD
DD
BBoody
dy D
Diiod
odee
FFoorrw
waarrd V
d Voollttag
agee D
Drrop
op
VVSD
SD
IIFM
FM ,, B
Boody Di
dy Diod
odee Forw
Forward
ard Curren
Currentt
IIRM
RM
BBoody
dy D
Diiod
ode R
e Reever
verssee C
Cuurrrren
entt
BBoody
dy D
Diiod
ode R
e Reeccoover
veryy ddvv//ddtt
di
di//ddtt
D =
D =
D = ---
---
---
Ga
Ga
Gattteee
--------
--------
--------
PPPuuulllsss
--------
--------
--------
eee W
W
W---iiiddd----
----
----
ttthhh
Ga
Ga
Gattteee PPPuuulllssse P
e P
e Peeeriririod
od
od
---
---
www.First-semi.com
Page 6/8
FIR2N90FG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com