Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SV7331 Datasheet(PDF) 4 Page - Savitech Corp.

Part # SV7331
Description  8KV ESD Protected, Wide-Supply, High-Bandwidth Dual 4:1 Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVITECH [Savitech Corp.]
Direct Link  https://www.savitech-ic.com/
Logo SAVITECH - Savitech Corp.

SV7331 Datasheet(HTML) 4 Page - Savitech Corp.

  SV7331 Datasheet HTML 1Page - Savitech Corp. SV7331 Datasheet HTML 2Page - Savitech Corp. SV7331 Datasheet HTML 3Page - Savitech Corp. SV7331 Datasheet HTML 4Page - Savitech Corp. SV7331 Datasheet HTML 5Page - Savitech Corp. SV7331 Datasheet HTML 6Page - Savitech Corp. SV7331 Datasheet HTML 7Page - Savitech Corp. SV7331 Datasheet HTML 8Page - Savitech Corp. SV7331 Datasheet HTML 9Page - Savitech Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SV7331
SV73253C
www.savitech-ic.com
4
DC Electrical Characteristics
(TA = -40°C to 85°C, VCC = +5V ±10%)
PARAMETER
Description
Test Conditions
MIN
TYP
MAX UNITS
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
0.6*Vcc
VCC+0.3
V
VIL
Input LOW Voltage
Guaranteed Logic LOW level
VSS-0.3
0.4*Vcc
V
IIH
Input HIGH Current
VCC = Max, VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max, VIN = GND
±1
µA
IOZH
High Impedance Output Current
0 ≤ In, Yn ≤ Vcc
-1
µA
VIK
Clamp Diode Voltage
VCC = Min., VIN = -18mA
-0.78
V
BW
–3dB Bandwidth
Signal = 0dBm
500
MHz
RON
Switch On-Resistance
VCC = 2.7V, VIN = 0V, ION = 48mA
4.5
5.5
Ω
VCC = 2.7V, VIN = 2.7V, ION = -48mA
13
15
VCC = 3.6V, VIN = 0V, ION = 48mA
4.0
4.7
VCC = 3.6V, VIN = 3.6V, ION = -48mA
11
12
VCC = 4.5V, VIN = 0V, ION = 48mA
3.5
4.5
VCC = 4.5V, VIN = 4.5V, ION = -48mA
10
11
VCC = 5.5V, VIN = 0V, ION = 48mA
3.2
4.0
VCC = 5.5V, VIN = 5.5V, ION = -48mA
8.5
9.5
ICC
Quiescent Power Supply Current
VCC = 1.65V ~ 5.5V, VIN=GND or VCC
0.04
1
uA
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Vcc = +1.65 to +5.5V, TA = 25°C ambient and maximum loading.
3.
Measured by the voltage drop between In and Yn pin at indicated current through the Switch On-Resistance is determined
by the lower of the voltages on the two (In, Yn) pins.
Switching Characteristics
PARAMETER
Description
Test Conditions
MIN
TYP
MAX
UNITS
tIY
Propagation Delay In to Yn
CL = 20pF
RL = 500Ω
0.25
ns
tSY
Bus select time, S to Yn
3.2
ns
tPHZ, tPLZ
Bus enable time, E to Yn
6.8
ns
tPHZ, tPLZ
Bus disable time, EN to Y
5.5
ns
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Guaranteed by design.
3.
The switch contributes no propagation delay other than the RC delay of the On-Resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.25ns for 20pF load. Since this time constant is
much smaller than the rise/fall times of typical driving signals, it adds very little propagation delay to the system.
Propagation delay of the switch when used in a system is determined by the driving circuit on the driving side of the switch
and its interactions with the load on the driven side.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com