Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29PDL310G63WHIN Datasheet(PDF) 2 Page - SPANSION

Part # AM29PDL310G63WHIN
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL310G63WHIN Datasheet(HTML) 2 Page - SPANSION

  AM29PDL310G63WHIN Datasheet HTML 1Page - SPANSION AM29PDL310G63WHIN Datasheet HTML 2Page - SPANSION AM29PDL310G63WHIN Datasheet HTML 3Page - SPANSION AM29PDL310G63WHIN Datasheet HTML 4Page - SPANSION AM29PDL310G63WHIN Datasheet HTML 5Page - SPANSION AM29PDL310G63WHIN Datasheet HTML 6Page - SPANSION AM29PDL310G63WHIN Datasheet HTML 7Page - SPANSION AM29PDL310G63WHIN Datasheet HTML 8Page - SPANSION AM29PDL310G63WHIN Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 26573
Rev: B Amendment/+1
Issue Date: February 26, 2003
Am29PDL640G
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash
Memory with Enhanced VersatileIOTM Control
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ 64 Mbit Page Mode device
— Page size of 8 words: Fast page read access from random
locations within the page
■ Single power supply operation
— Full Voltage range: 2.7 to 3.1 volt read, erase, and program
operations for battery-powered applications
■ Simultaneous Read/Write Operation
— Data can be continuously read from one bank while
executing erase/program functions in another bank
— Zero latency switching from write to read operations
■ FlexBank Architecture
— 4 separate banks, with up to two simultaneous operations
per device
— Bank A: 8 Mbit (4 Kw x 8 and 32Kw x 15)
— Bank B: 24 Mbit (32 Kw x 48)
— Bank C: 24 Mbit (32 Kw x 48)
— Bank D: 8 Mbit (4 Kw x 8 and 32 Kw x 15)
■ Enhanced VersatileI/OTM (V
IO) Control
— Output voltage generated and input voltages tolerated on all
control inputs and I/Os is determined by the voltage on the
VIO pin
■ SecSiTM (Secured Silicon) Sector region
— Up to 128 words accessible through a command sequence
■ Both top and bottom boot blocks in one device
■ Manufactured on 0.17 µm process technology
■ 20-year data retention at 125°C
■ Minimum 1 million erase cycle guarantee per sector
PERFORMANCE CHARACTERISTICS
■ High Performance
— Page access times as fast as 25 ns
— Random access times as fast as 65 ns
■ Power consumption (typical values at 10 MHz)
— 25 mA active read current
— 15 mA program/erase current
— 0.2 µA typical standby mode current
SOFTWARE FEATURES
■ Software command-set compatible with JEDEC 42.4
standard
— Backward compatible with Am29F and Am29LV families
■ CFI (Common Flash Interface) complaint
— Provides device-specific information to the system, allowing
host software to easily reconfigure for different Flash devices
■ Erase Suspend / Erase Resume
— Suspends an erase operation to allow read or program
operations in other sectors of same bank
■ Unlock Bypass Program command
— Reduces overall programming time when issuing multiple
program command sequences
HARDWARE FEATURES
■ Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting program or erase
cycle completion
■ Hardware reset pin (RESET#)
— Hardware method to reset the device to reading array data
■ WP#/ACC (Write Protect/Accelerate) input
—At VIL, protects the first and last two 4K word sectors,
regardless of sector protect/unprotect status
—At VIH, allows removal of sector protection
—At V
HH, provides faster programming times in a factory
setting
■ Persistent Sector Protection
— A command sector protection method to lock combinations
of individual sectors and sector groups to prevent program or
erase operations within that sector
— Sectors can be locked and unlocked in-system at V
CC level
■ Password Sector Protection
— A sophisticated sector protection method to lock
combinations of individual sectors and sector groups to
prevent program or erase operations within that sector using
a user-defined 64-bit password
■ Package options
— 63-ball Fine-pitch BGA
— 80-ball Fine-pitch BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com