Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29PDL310G98WHIN Datasheet(PDF) 13 Page - SPANSION

Part # AM29PDL310G98WHIN
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL310G98WHIN Datasheet(HTML) 13 Page - SPANSION

Back Button AM29PDL310G98WHIN Datasheet HTML 9Page - SPANSION AM29PDL310G98WHIN Datasheet HTML 10Page - SPANSION AM29PDL310G98WHIN Datasheet HTML 11Page - SPANSION AM29PDL310G98WHIN Datasheet HTML 12Page - SPANSION AM29PDL310G98WHIN Datasheet HTML 13Page - SPANSION AM29PDL310G98WHIN Datasheet HTML 14Page - SPANSION AM29PDL310G98WHIN Datasheet HTML 15Page - SPANSION AM29PDL310G98WHIN Datasheet HTML 16Page - SPANSION AM29PDL310G98WHIN Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
12
Am29PDL640G
February 26, 2003
P R E L I M INARY
deasserted and reasserted for a subsequent access,
the access time is t
ACC or tCE. Here again, CE# selects
the device and OE# is the output control and should
be used to gate data to the output inputs if the device
is selected. Fast page mode accesses are obtained by
keeping A21–A3 constant and changing A2 to A0 to
select the specific word within that page.
Table 2.
Page Select
Simultaneous Operation
The device is capable of reading data from one bank
of memory while a program or erase operation is in
progress in another bank of memory (simultaneous
operation), in addition to the conventional features
(read, program, erase-suspend read, and erase-sus-
pend program). The bank selected can be selected by
bank addresses (A21–A19) with zero latency.
The simultaneous operation can execute multi-func-
tion mode in the same bank.
Table 3.
Bank Select
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to V
IL, and OE# to VIH.
The device features an Unlock Bypass mode to facil-
itate faster programming. Once a bank enters the Un-
lock Bypass mode, only two write cycles are required
to program a word, instead of four. The “Word Pro-
gram Command Sequence” section has details on
programming data to the device using both standard
and Unlock Bypass command sequences.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Table 4 indicates the address
space that each sector occupies. A “bank address” is
the address bits required to uniquely select a bank.
Similarly, a “sector address” refers to the address bits
required to uniquely select a sector. The “Command
Definitions” section has details on erasing a sector or
the entire chip, or suspending/resuming the erase op-
eration.
I
CC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The AC
Characteristics section contains timing specification
tables and timing diagrams for write operations.
Accelerated Program Operation
The device offers accelerated program operations
through the ACC function. This function is primarily in-
tended to allow faster manufacturing throughput at the
factory.
If the system asserts V
HH on this pin, the device auto-
matically enters the aforementioned Unlock Bypass
mode, temporarily unprotects any protected sectors,
and uses the higher voltage on the pin to reduce the
time required for program operations. The system
would use a two-cycle program command sequence
as required by the Unlock Bypass mode. Removing
V
HH from the WP#/ACC pin returns the device to nor-
mal operation. Note that V
HH must not be asserted on
WP#/ACC for operations other than accelerated pro-
gramming, or device damage may result. In addition,
the WP#/ACC pin should be raised to V
CC when not in
use. That is, the WP#/ACC pin should not be left float-
ing or unconnected; inconsistent behavior of the de-
vice may result.
Autoselect Functions
If the system writes the autoselect command se-
quence, the device enters the autoselect mode. The
system can then read autoselect codes from the inter-
nal register (which is separate from the memory array)
on DQ15–DQ0. Standard read cycle timings apply in
this mode. Refer to the Autoselect Mode and Autose-
lect Command Sequence sections for more informa-
tion.
Standby Mode
When the system is not reading or writing to the de-
vice, it can place the device in the standby mode. In
this mode, current consumption is greatly reduced,
and the outputs are placed in the high impedance
state, independent of the OE# input.
Word
A2
A1
A0
Word 0
000
Word 1
001
Word 2
010
Word 3
011
Word 4
100
Word 5
101
Word 6
110
Word 7
111
Bank
A21–A19
Bank A
000
Bank B
001, 010, 011
Bank C
100, 101, 110
Bank D
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com