Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCT700 Datasheet(PDF) 2 Page - Seme LAB

Part # HCT700
Description  COMPLEMENTARY SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

HCT700 Datasheet(HTML) 2 Page - Seme LAB

  HCT700 Datasheet HTML 1Page - Seme LAB HCT700 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prelim. 4/94
LAB
SEME
HCT700
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
NPN
PNP
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
IC = 10mAIE = 0
IC = 10mA
IB = 0
IE = 10mAIC = 0
IE = 0
VCB = 60V
Tamb = 25°CVCB = 50V
IE = 0
VCB = 60V
Tamb = 150°CVCB = 50V
IC = 0
VEB = 4V
Tamb = 25°CVEB = 3.5V
VCE = 50V
VCE = 10V
IC = 0.1mA
VCE = 10V
IC = 1mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 150mA 1
VCE = 10V
IC = 500mA 1
VCE = 10V
IC = 10mA
Tamb = –55°CIC = 1mA
IC = 150mA
IB = 15mA 1
IC = 500mA
IB = 50mA 1
IC = 150mA
IB = 15mA 1
IC = 500mA
IB = 50mA 1
VCE = 10V
IC = 1mA
f = 1kHz
VCE = 20V
IC = 20mA
f = 100MHz
IC = 50mA
VCE = 10V f = 100kHz to 1MHz
VEB = 2V
f = 100kHz to 1MHz
VEB = 0.5V f = 100kHz to 1MHz
VCC = 30V
IC = 150mA
IB1 = 15mA
VCC = 30V
IC = 150mA
IB1 = IB2 = 15mA
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
Collector – Base Breakdown Voltage
Collector – Emitter Breakdown Voltage
Emitter – Base Breakdown Voltage
Collector – Base
Cut-off Current
Emitter– Base Cut-off Current
Collector – Emitter Cut-off Current
DC Current Gain
Collector – Emitter Saturation Voltage
Base – Emitter Saturation Voltage
Small Signal Current Gain
Small Signal Current Gain
Output Capacitance
Input Capacitance
Turn On Time
Turn Off Time
75
60
50
60
6.0
5.0
10
10
10
10
10
50
1.0
50
75
75
325
100
450
100
100
100
300
100
300
30
50
35
50
0.30
0.40
1.00
1.60
0.60
1.20
1.30
2.00
2.60
50
100
2.5
2.0
8.0
8.0
25
30
35
45
300
300
V
V
V
nA
mA
nA
mA
—
V
V
—
—
pF
pF
ns
ns
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
ICES
hFE
VCE(SAT
VBE(SAT)
hfe
hfe
Cobo
Cibo
ton
toff
On Characteristics
Off Characteristics
Small Signal Characteristics
Small Signal Characteristics
1 Pulse Test: Pulse Width £ 300ms, d£ 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com