Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA7151RCT Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA7151RCT
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7151RCT Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA7151RCT Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7151RCT Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7151RCT Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7151RCT Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7151RCT Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7151RCT Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7151RCT Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA7151RCT Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA7151RCT Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
MA7151F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.18, 2017
Marking side
N
S
SOT
Package Sensor Location
Active Area Depth
1.0mm
0.8mm
1
2
3
4
5
6
VDD
PWM
OUT1
OUT2
GND
FG/RD
Marking side
N
S
Package Sensor Location
Active Area Depth
1
2
3
4
6
5
TDFN
0.6mm
0.9mm
FG/RD
OUT2
GND
OUT1
VDD
PWM
APPLICATION CIRCUIT
1. SOT(FG)
4
1
6
2
GND
Coil
PWM
OUT1
OUT2
FG
3
C1
VDD
10k
PWM Signal
5
VDD
FG
Output
100nF
Optional
2. TDFN(FG)
4
1
6
2
GND
Coil
FG
OUT1
OUT2
PWM
3
C1
VDD
10k
PWM Signal
5
VDD
FG
Output
100nF
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com