Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA276 Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA276
Description  Complementary Output Hall Effect Fan Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA276 Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA276 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA276 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA276 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA276 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA276 Datasheet HTML 5Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
MA276
Major Power Technology Co., Ltd.
Rev.1
Aug.05, 2013
APPLICATION CIRCUIT
12V brush-less DC fan
Note1: C1 (Optional) is for power stabilization, Recommended E-Cap 1uF/50V
Note2: D1 (Optional) is a reverse protect diode.
PERFORMANCE CHARACTERISTICS
TA ( C)
25
50
60
70
80
85
90
95
100
Pd (mW)
550
440
396
352
308
286
264
242
220
TA ( C)
105
110
115
120
125
130
135
140
150
Pd (mW)
198
176
154
132
110
88
66
44
0
P o w e r D is s ip a t io n C u r v e
0
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T a (
C )
P d ( m W )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com