Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA2003B Datasheet(PDF) 3 Page - Major-Power Technology Co., LTD.

Part # MA2003B
Description  1.2MHz, High Voltage, Boost Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2003B Datasheet(HTML) 3 Page - Major-Power Technology Co., LTD.

  MA2003B Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2003B Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2003B Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2003B Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2003B Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2003B Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2003B Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
MA2003
Major Power Technology Co., Ltd.
Rev.1.0
Oct.11, 2014
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC pin voltage
VIN
-0.3 to 6.5
V
SW pin voltage
VSW
-0.3 to 30
V
EN, FB pins voltage
-0.3 to VIN+0.3
V
Continuous Power Dissipation
PD
( TJ-TA) / θJA
mW
Operating Junction Temperature
Top
-40 to 125
°C
Storage Temperature Range
-65 to 150
°C
Thermal Resistance from Junction to case
θJC
110
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note: θJA is measured with the PCB copper are (need connect to GND of the MA2003) of approximately 1 in2(Multi-layer).
ELECTRICAL CHARACTERISTICS
(VIN = 5V, VEN = 5V, IOUT = 20mA, TA = 25°C)
Characteristics
Symbol
Conditions
Min Typ Max Units
Input Voltage Range
VIN
2.5
-
5.5
V
Input UVLO
UVLO Rising
-
2.25 2.45
V
UVLO Hysteresis
-
0.2
-
V
Step-Up Voltage Adjust Range VOUT
3
-
28
V
Quiescent Current
ICCQ IOUT= 0mA, VFB =1.5V
-
150 250 μA
Shutdown Current
ISD
VEN = 0V
-
1
4
μA
FB Pin Voltage
VFB
1.213 1.238 1.263 V
FB Pin Current
IFB
VFB = 1.3V
-
-
±100 nA
Line Regulation
VIN = 2.5 to 5.5V
IOUT = 20mA
-
0.2
-
%
Load Regulation
VIN = 5V
IOUT = 1mA to 400mA
-
0.2
-
%
Switching frequency
FOSC
900 1200 1500 KHz
Maximum Duty
DMAX
87
90
-
%
N-channel MOSFET
current limit
ILIM Duty=50%
-
1.6
-
A
MOSFET on-resistance
(Note 1)
RDS(on)
VCC=3V, ISW=1A
-
600
-
mΩ
VCC=5V, ISW=1A
-
500
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com