Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA2004AC Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA2004AC
Description  3A 750KHz Asynchronous Boost Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2004AC Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA2004AC Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2004AC Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2004AC Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2004AC Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2004AC Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2004AC Datasheet HTML 6Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
MA2004A
Major Power Technology Co., Ltd.
Rev.1.0
Apr/15, 2015
3A 750KHz Asynchronous Boost Converter
GENERAL DESCRIPTION
The MA2004A is a current mode step up converter, fixed frequency, inrush current limiting
and internal soft-start. It includes an error amplifier, ramp generator, comparator, built-in 70mΩ
N-Channel power MOSFET make this regulator highly power efficient.
The 750KHz switching frequency allows for smaller external components producing a
compact solution for a wide range of load currents. The MA2004A regulates the output voltage
up to 5.5V and provides up to 1A output.
FEATURES
- Over 92% Efficiency
- Adjustable max output voltage to 5.5V
- Fixed Current Limit
- +2.8V to +5.5V Input Range
- 750KHz Fixed Switching Frequency
- 1µA Shutdown Current
- Internal Soft-Start
- Thermal Shutdown
- 70mΩ N-Channel power MOSFET
- SOT-23-6L Pb-free & HF Package


Similar Part No. - MA2004AC

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
3A 750KHz Asynchronous Boost Converter
MA2004C MPOWER-MA2004C Datasheet
428Kb / 6P
3A 750KHz Asynchronous Boost Converter
MA2004CA MPOWER-MA2004CA Datasheet
428Kb / 6P
3A 750KHz Asynchronous Boost Converter
More results

Similar Description - MA2004AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7143 ANPEC-APW7143 Datasheet
621Kb / 19P
3A, 12V, Asynchronous Buck Converter
logo
MagnaChip Semiconductor...
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
3A, High Voltage Boost Converter
logo
Richtek Technology Corp...
RT4533 RICHTEK-RT4533 Datasheet
142Kb / 11P
Asynchronous Boost Converter
RT4503 RICHTEK-RT4503 Datasheet
268Kb / 13P
Asynchronous Boost Converter for 10 WLEDs
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
24V 4A Asynchronous Boost Converter
logo
E-CMOS Corporation
EC5116 E-CMOS-EC5116 Datasheet
675Kb / 12P
3A, 40V Asynchronous Step-Down Converter
logo
Major-Power Technology ...
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
3A 750KHz Asynchronous Boost Converter
MA2007 MPOWER-MA2007 Datasheet
291Kb / 6P
750KHz Asynchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
1MHz, 3A boost converter
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
3A High Voltage Boost Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com