Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA2004C Datasheet(PDF) 5 Page - Major-Power Technology Co., LTD.

Part # MA2004C
Description  3A 750KHz Asynchronous Boost Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2004C Datasheet(HTML) 5 Page - Major-Power Technology Co., LTD.

  MA2004C Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2004C Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2004C Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2004C Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2004C Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2004C Datasheet HTML 6Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
MA2004
Major Power Technology Co., Ltd.
Rev.1.0 Apr/15, 2015
Soft-Start
The MA2004 includes a soft-start timer that limits the voltage at the error amplifier output
during startup to prevent excessive current at the input. This prevents premature
termination of the source voltage at startup due to inrush current. This also limits the
inductor current at startup, forcing the input current to rise slowly to the amount required to
regulate the output voltage during soft-start.
Current Limit
A resistor between OC and GND pin programs peak switch current. The resistor value
should be between 10k to 135k. the current limit will be set from 3.3A to 1A. Keep traces at
pin as short as possible. Do not put capacitance at OC pin. To set the over current point
according to the following equation:
ICL=180000/(45k +R3)
TYPICAL CHARACTERISTICS
Ch1=SW , Ch2=VIN ,Ch3=VOUT , Ch4=IOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com