Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA5001BA Datasheet(PDF) 3 Page - Major-Power Technology Co., LTD.

Part # MA5001BA
Description  1.5A 1.5MHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5001BA Datasheet(HTML) 3 Page - Major-Power Technology Co., LTD.

  MA5001BA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5001BA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5001BA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5001BA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5001BA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5001BA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5001BA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5001BA Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5001BA Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
MA5001
Major Power Technology Co., Ltd.
Rev.1.3
Dec. 01, 2016
ORDER/MARKING INFORMATION
Order Information (SOT, TSOT)
Top Marking (SOT, TSOT)
B 1 Y WX
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC pin voltage
VIN
-0.3 to 7
V
SW pin voltage
VSW
-0.7 to VIN+0.3
V
EN, FB pins voltage
-0.3 to VIN+0.3
V
Continuous Power Dissipation
PD
( TJ-TA ) /
θ
JA
mW
Operating Junction Temperature
Top
-40 to 125
°C
Storage Temperature Range
-65 to 150
°C
Thermal Resistance from Junction to case
SOT,TSOT
θJC
110
°C/W
Thermal Resistance from Junction to ambient SOT,TSOT
θJA
250
°C/W
Note:
θJA is measured with the PCB copper are (need connect to GND of the MA5001) of approximately 1 in2
(Multi-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com