Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA5005 Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA5005
Description  1.2A 1.5MHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5005 Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA5005 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5005 Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
MA5005
Major Power Technology Co., Ltd.
Rev.1.5 Dec.01, 2016
ELECTRICAL CHARACTERISTICS
(VIN = 5V, VEN = 5V, VOUT = 1.8V, TA = 25°C)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
Input Voltage Range
VIN
2.5
-
5.5
V
Input UVLO
UVLO
IOUT=0A
1.8
2.2
2.5
V
Input OVLO
OVLO
IOUT=0A
-
6.0
-
V
Quiescent Current
ICCQ
VFB = 1V
-
250
350
μA
Shutdown Current
ISD
VEN = 0V
-
0.1
1
μA
FB Pin Voltage
VFB
0.588
0.6 0.612
V
FB Pin Current (Note1)
IFB
-
-
±50
nA
Load Regulation
0A < IOUT<1.2A
-
0.6
-
%
Line Regulation
2.5V<VIN<5.5V
-
0.3
-
%/V
EN Pin Voltage High
VENH
1.5
-
-
V
EN Pin Voltage Low
VENL
-
-
0.4
V
EN Pin Leakage Current
VEN = 3V
-
0.1
1
μA
Switching Frequency
FOSC
1.1
1.5
1.9
MHz
Current Limit
CL
VIN = 3V, VFB = 0.5V
or VOUT = 90%, Duty
Cycle < 35%
1.4
1.7
-
A
Switching Maximum Duty
Dmax
-
-
100
%
Minimum Duty
Dmin
0
-
-
%
P-Switch RDS(ON)
RDS(ON)-P
-
300
-
m
Ω
N-Switch RDS(ON) (Note1)
RDS(ON)-N
-
200
-
m
Ω
Low Side Discharger
-
60
-
Ω
Thermal Shutdown
TSD
-
160
-
°C
Thermal Shutdown
Protection hysteresis
TSH
-
30
-
°C
Note1: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com