Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA5611 Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA5611
Description  36V Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5611 Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA5611 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5611 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5611 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5611 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5611 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5611 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5611 Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
MA5611
Major Power Technology Co., Ltd.
Rev.1.2 Apr.12, 2017
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Conditions
Min
Typ Max Units
Input Voltage Range
8
-
36
V
Shutdown Supply Current
ISD
VEN = 0V
-
0.9
1.3
mA
Quiescent Current
ICCQ
VEN = 5.0V;
VFB = 1.05V
-
0.9
1.5
mA
Feedback Voltage
VFB
8V
≤ VIN ≤ 36V
0.98 1.00 1.02
V
Feedback Overvoltage Threshold
OVP(FB)
-
1.1X
-
VFB
High-Side Switch On Resistance
(Note)
RDS(ON)1
-
130
-
m
Ω
Low-Side Switch On Resistance
(Note)
RDS(ON)2
-
120
-
m
Ω
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
-
-
10
μA
Upper Switch Current Limit
Minimum Duty Cycle
2.6
3.1
-
A
Lower Switch Current Limit
From Drain to Source
-
0.6
-
A
Oscillation Frequency
FOSC1
-
160
-
KHz
Short Circuit Oscillation Frequency
FOSC2
VFB< 0.4V
-
80
-
KHz
Short Circuit Retry time(Note)
RTSCP
VFB< 0.5V
-
1
-
mS
Maximum Duty Cycle
DMAX
-
95
-
%
Minimum On Time (Note)
TON(min)
-
220
-
ns
EN Lockout Threshold Voltage
ENH(LOCK)
-
2.5
-
V
EN Lockout Hysterisis
-
210
-
mV
Input Under Voltage Lockout
Threshold
UVLO
VIN Rising
6.5
7.0
7.5
V
Input Under Voltage Lockout
Threshold Hysteresis
UVLO-Hys
-
800
-
mV
Input Over Voltage Lockout Threshold
OVLO
VIN Rising
-
36
-
V
Input Over Voltage Lockout Threshold
Hysteresis
OVLO-Hys
-
4
-
V
Soft-Start Period
-
2
-
ms
Thermal Shutdown
TSD
-
150
-
°C
Thermal Shutdown Hysterisis
TSH
-
30
-
°C
Note: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com