Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4844 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4844
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4844 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4844 Datasheet HTML 1Page - National Semiconductor (TI) LM4844 Datasheet HTML 2Page - National Semiconductor (TI) LM4844 Datasheet HTML 3Page - National Semiconductor (TI) LM4844 Datasheet HTML 4Page - National Semiconductor (TI) LM4844 Datasheet HTML 5Page - National Semiconductor (TI) LM4844 Datasheet HTML 6Page - National Semiconductor (TI) LM4844 Datasheet HTML 7Page - National Semiconductor (TI) LM4844 Datasheet HTML 8Page - National Semiconductor (TI) LM4844 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Audio Amplifier Electrical Characteristics V
DD = 3.0V (Notes 1, 2)
The following specifications apply for V
DD = 3.0V, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4844
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
I
DD
Supply Current
V
IN = 0V, No load;
LD5=RD5=0
Mode 4, 9, 14
4.5
7.5
mA (max)
Mode 2, 7, 12
10
16
mA (max)
Mode 3, 8, 13
11
18
mA (max)
I
SD
Shutdown Current
Mode 0
0.1
2
µA (max)
P
O
Output Power
Speaker; THD+N = 1%;
f = 1kHz; 4
Ω BTL
390
320
mW (min)
Headphone; THD+N = 1%;
f = 1kHz; 32
Ω SE
28
21
mW (min)
THD+N
Total Harmonic Distortion Plus
Noise
LD5=RD5=0
Speaker; P
O = 200mW;
f = 1kHz; 8
Ω BTL
0.05
%
Headphone; P
O = 10mW;
f = 1kHz; 32
Ω SE
0.05
%
V
OS
Offset Voltage
Speaker; LD5 = RD5 = 0
5
40
mV (max)
Headphone; LD5 = RD5 = 0
2
30
mV (max)
N
OUT
Output Noise
A-weighted; 0dB gain;
LD5=RD5=0
Speaker; Mode 2, 3, 7, 8
32
µV
Speaker; Mode 12, 13
41
µV
Headphone; Mode 3, 4, 8, 9
13
µV
Headphone; Mode 13, 14
15
µV
PSRR
Power Supply Rejection Ratio
f = 217Hz, V
rip = 200mVpp;CB = 2.2µF;
0dB Gain Setting; LD5 = RD5 = 0
Speaker; Mode 2, 3, 7, 8
73
dB
Speaker; Mode 12, 13,
66
55
dB (min)
Headphone; Mode 3, 4, 8, 9
78
dB
Headphone; Mode 13, 14
72
62
dB (min)
Xtalk
Crosstalk
LD5=RD5=0
Loudspeaker; P
O = 200mW;
f = 1kHz
85
dB
Headphone; P
O = 10mW;
f = 1kHz
60
dB
T
WU
Wake-up Time
CD4=0;C
B = 2.2µF
70
ms
CD4=1;C
B = 2.2µF
30
ms
Volume Control Electrical Characteristics (Notes 1, 2)
The following specifications apply for 3V
≤ V
DD
≤ 5V and 3V ≤ I2CV
DD
≤ 5V, unless otherwise specified. Limits apply for T
A =
25˚C.
Symbol
Parameter
Conditions
LM4844
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
Stereo Volume Control Range
maximum gain setting
6
5.5
6.5
dB (min)
dB (max)
minimum gain setting
-40.5
-41
-40
dB (min)
dB (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com