Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JM20337 Datasheet(PDF) 1 Page - JMicron Technology Corporation

Part # JM20337
Description  Hi-Speed USB to SATA & PATA Combo Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JM20337 Datasheet(HTML) 1 Page - JMicron Technology Corporation

  JM20337 Datasheet HTML 1Page - JMicron Technology Corporation JM20337 Datasheet HTML 2Page - JMicron Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Version 1.2
May 2004
© JMicron 2003. All rights reserved.
Page 1
Copying prohibited.
JMicron/JM20337
JM20337
Hi-Speed USB to SATA & PATA Combo Bridge
Description
The JM20337 is single chip solution to bridge between USB 2.0, SATA and ATA/ATAPI-based
mass storage device. It provides the capability to translate USB 2.0 mass storage commands to serial
ATA and ATA/ATAPI communication protocol. The USB adheres to the Mass Storage Class Bulk-Only
Transport Specification, and supports dual LUN operation, which could connect to two ATA/ATAPI
devices or one ATA/ATAPI device associated with one SATA device. The embedded command parser
supports both ATA and ATAPI command set with LBA48 bit addressing capability.
Features
Quick Reference
Signal Bit Rate
1.5
Gbps/SATA
and
480
Mbps/USB
Spread Spectrum
-0.3% to 0.0
Power Supply
3.3V
ESD Protection
2000 V
Adj. Amplitude
2 levels
Adj. Pre-emphasis
4 levels
Package
64-pin LQFP
• Compliance with Gen1i, and Gen1m of
Serial ATA II Electrical Specification 1.0
• Support SATA spread-spectrum transmitter
• Support SATA II Asynchronous Signal
Recovery (Hot Plug) feature
• Compliance with USB 2.0 (Hi-Speed)
electrical specification
• Compliance with USB Mass Storage Class
Bulk-Only Transport Specification
• Support 480Mbps High Speed (HS) and
12Mbps Full Speed USB operation
• Support ATA/ATAPI Ultra DMA Mode
• Support ATA/ATAPI PACKET command
feature set
• Support ATA/ATAPI LBA48 bit addressing
mode
• Support dual LUN (Logic Unit Number)
with automatically master/slave enumeration
• Support 12MHz external crystal.
• Single-power 3.3V power supply
• 0.18um CMOS technology and 64-pin LQFP
ASSP package
Applications
USB & SATA products
• Enclosure System
• Storage subsystem
• 2 bays storage system
• Backward
compatible
Storage system


Similar Part No. - JM20337

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM20330 ETC1-JM20330 Datasheet
180Kb / 2P
Serial ATA Bridge Chip
logo
JMicron Technology Corp...
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
More results

Similar Description - JM20337

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-3507 ETC-PL-3507 Datasheet
35Kb / 1P
Hi-Speed USB & IEEE1394 Combo to IDE Bridge Controller
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
USB 2.0 Hi-Speed to irDA Bridge
logo
PLX Technology
OXU931DS PLX-OXU931DS Datasheet
137Kb / 2P
Hi-Speed USB 2.0 to SATA/eSATA Controller
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
logo
GENESYS LOGIC
GL830 GENESYS-GL830_12 Datasheet
118Kb / 5P
USB 2.0 / PATA / SATA Bridge Controller Product Overview
GL831A GENESYS-GL831A Datasheet
52Kb / 5P
SATA / PATA Bridge Controller Product Overview
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
Hi-Speed USB to SATA Bridge
logo
Coolgear Inc.
SS-128ASD COOLGEAR-SS-128ASD Datasheet
4Mb / 2P
USB 3.0 to SATA or PATA Hard Drive Adapter
logo
JMicron Technology Corp...
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com