Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM7308CSKP Datasheet(PDF) 3 Page - Sinopower Semiconductor Inc

Part # SM7308CSKP
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7308CSKP Datasheet(HTML) 3 Page - Sinopower Semiconductor Inc

  SM7308CSKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7308CSKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7308CSKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7308CSKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7308CSKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7308CSKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7308CSKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7308CSKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7308CSKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SM7308CSKP
www.sinopowersemi.com
3
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.1 - November, 2015
®
N Channel Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
N Channel
Unit
Min.
Typ.
Max.
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=24V, VGS=0V
-
-
50
mA
TJ=85°C
-
-
5
mA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250mA
1.3
1.8
2.3
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±10
uA
RDS(ON)
d
Drain-Source On-state Resistance
VGS=10V, IDS=9A
-
18.5
22
m
W
VGS=4.5V, IDS=8A
-
25
32.5
m
W
Diode Characteristics
VSD
d
Diode Forward Voltage
ISD=1A, VGS=0V
0.3
0.4
0.55
V
trr
Reverse Recovery Time
ISD=4.0A, dlSD/dt=100A/ms
-
11
-
ns
Qrr
Reverse Recovery Charge
-
3.5
-
nC
Dynamic Characteristics
e
RG
Gate Resistance
VGS=0V,VDS=0V,f=1MHz
-
3.3
-
W
Ciss
Input Capacitance
VGS=0V,
VDS=15V,
Frequency=1.0MHz
-
395
514
pF
Coss
Output Capacitance
-
105
-
Crss
Reverse Transfer Capacitance
-
42
-
td(ON)
Turn-on Delay Time
VDD=15V, RL=15W,
IDS=1A, VGEN=10V,
RG=6W
-
5.5
-
ns
tr
Turn-on Rise Time
-
10.5
-
td(OFF)
Turn-off Delay Time
-
15
-
tf
Turn-off Fall Time
-
3.7
-
Gate Charge Characteristics
e
Qg
Total Gate Charge
VDS=15V, VGS=4.5V,
IDS=4.0A
-
4
-
nC
Qg
Total Gate Charge
VDS=15V, VGS=10V,
IDS=4.0A
-
8.3
12.5
Qgs
Gate-Source Charge
-
1.1
-
Qgd
Gate-Drain Charge
-
1.8
-
Note d:Pulse test ; pulse width
£300ms, duty cycle£2%.
Note e:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com