Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZP-RZN4404-KV2 Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # ZP-RZN4404-KV2
Description  SHEV control panel - compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

ZP-RZN4404-KV2 Datasheet(HTML) 2 Page - D+H Mechatronic AG

  ZP-RZN4404-KV2 Datasheet HTML 1Page - D+H Mechatronic AG ZP-RZN4404-KV2 Datasheet HTML 2Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0786-CPD-50383
Supply
230 V AC / 50 Hz / 120 VA
Stand-by power
5.8 W
Output
24 V DC / 4 A
Mode of operation monitoring
Continuous duty
Mode of operation Alarm / Ventilation
Short-time duty 30 % duty cycle
Temperature range
-5 °C ... +40 °C
Line / Group
1 / 1
Battery type
Typ 2 (2x)
Type
Art. No.
Type of
protection
W x H x D
Weight
Remark
ZP-RZN 4404-K V2
30.102.23
2.00 kg
With alarm devices = Akku Typ 8 (2x)
RZN 44xx-K/M
30.104.70
Variable equipment possible
GEH-S-RWA
30.105.30
IP 54
400 x 300 x 120 mm
7.25 kg
Sheet steel housing
GEH-KST
63.600.81
IP 30
310 x 310 x 100 mm
1.40 kg
Plastic housing
RZN 4404-K V2
External control
Line
Fire detector
SHEVoperationpanel
Rain detector
Ventilation button
Drive
Group
Article also available with the following permissions under other article
numbers. Technical data may deviate.
Batteries must be ordered separately.
Example of application
Design
Technical data
Approvals / Certificates
Find out about permission details from your D+H Partner
Status 01/2018



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com