Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI07018 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PI07018
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI07018 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI07018 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI07018 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PI07018 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PI07018 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
PI07018 TYPE
●FEATURE
1.
Shielded construction
2.
Frequency range up to 5MHz, Low DCR(Ω)
●Applications
1.
Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=6.80m/m Max ; B=7.30m/m Max ; C=1.80m/m Max ; D=3.00±0.3m/m ; E=1.50m/m Ref. ;
G=8.00m/m Ref. ; H=3.45m/m Ref. ; I=3.70m/m Ref.
●Specification
P/N
L
(μH)
RDC
(m
Ω)Max
SRF
(MHz) ref.
Isat
(A)
Irms
(A)
PI07018-R15M
0.15±20%
5.2
---
38.0
15.0
PI07018-R33M
0.33±20%
7.0
12
18.0
12.0
PI07018-R68M
0.68±20%
13.9
11
15.0
9.0
PI07018-R82M
0.82±20%
15.9
10
14.0
8.0
PI07018-1R0M
1.0±20%
18.5
9.5
11.5
7.0
PI07018-1R5M
1.5±20%
34.0
9
10.0
6.0
PI07018-2R2M
2.2±20%
46.0
8.5
8.5
5.0
PI07018-3R3M
3.3±20%
60.1
8
6.0
3.25
PI07018-4R7M
4.7±20%
78.0
7.5
5.5
3.0
PI07018-6R8M
6.8±20%
136
7
4.5
2.5
PI07018-100M
10±20%
195
6.5
4.0
2.0
PI07018-220M
22±20%
600
6
2.5
1.0
Note1. Measurement frequency of Inductance value : at 100KHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 20%(typ) from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient(typical)
Note5. Inductance tolerance: M: ±20%
Note6. Packaging: Taping : 1500 Piece/reel


Similar Part No. - PI07018

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1-100M FENGJUI-PI07018Q1-100M Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1-1R0M FENGJUI-PI07018Q1-1R0M Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1-1R5M FENGJUI-PI07018Q1-1R5M Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1-220M FENGJUI-PI07018Q1-220M Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PI07018

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com