Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI07024 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PI07024
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI07024 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI07024 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI07024 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PI07024 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
PI07024 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(Ω)
3. Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=6.80m/m Max ; B=7.30m/m Max ; C=2.40m/m Max ; D=3.00±0.3m/m ; E=1.50m/m Ref. ;
G=8.00m/m Ref. ; H=3.45m/m Ref. ; I=3.70m/m Ref.
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
SRF
(MHz) ref.
Isat
(A)
Irms
(A)
PI07024-R10M
0.10±20%
1.5
1.7
20
50
30
PI07024-R22M
0.22±20%
2.9
3.2
18
34
21
PI07024-R33M
0.33±20%
3.7
4.1
16
22
18
PI07024-R47M
0.47±20%
6.0
6.5
14
21
13.5
PI07024-R68M
0.68±20%
8.7
9.4
12
18
11
PI07024-R82M
0.82±20%
10.6
11.8
10
17
10
PI07024-1R0M
1.0±20%
13.1
14.2
9.5
16
9.0
PI07024-1R5M
1.5±20%
18.5
21.2
9
15
7.5
PI07024-2R2M
2.2±20%
28.0
34.0
8.5
14
6.5
PI07024-3R3M
3.3±20%
36.5
51.6
8
13
5.0
PI07024-4R7M
4.7±20%
45.2
63.0
7.5
10
4.5
PI07024-6R8M
6.8±20%
72.5
95.0
7
9
3.5
PI07024-8R2M
8.2±20%
95.0
120
6
8
3.0
PI07024-100M
10±20%
115.6
129
5.5
7
2.5
PI07024-220M
22±20%
320.0
380
5
3.0
1.5


Similar Part No. - PI07024

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PI07024Q1 FENGJUI-PI07024Q1 Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07024Q1-100M FENGJUI-PI07024Q1-100M Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07024Q1-1R0M FENGJUI-PI07024Q1-1R0M Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07024Q1-1R5M FENGJUI-PI07024Q1-1R5M Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07024Q1-220M FENGJUI-PI07024Q1-220M Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PI07024

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024Q1 FENGJUI-PI07024Q1 Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com