Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI13038 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PI13038
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI13038 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI13038 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI13038 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PI13038 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
PI13038 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(
Ω), Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=12.90m/m Max ; B=14.00m/m Max ; C=3.80m/m Max. ; D=refer Note.7 ; E=2.40m/m Ref. ;
G=14.00m/m Ref. ; H=5.00m/m Ref. ; I=7.60m/m Ref.
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
PI13038-R10M
0.10±20%
0.80
0.96
84
43
PI13038-R15M
0.15±20%
1.0
1.2
75
41
PI13038-R22M
0.22±20%
1.1
1.3
65
38.5
PI13038-R33M
0.33±20%
1.3
1.5
62
38.5
PI13038-R47M
0.47±20%
1.6
2.0
55
32
PI13038-R60M
0.60±20%
1.8
2.2
51
29
PI13038-R68M
0.68±20%
2.3
2.5
49
28
PI13038-R82M
0.82±20%
2.6
3.0
44
25
PI13038-1R0M
1.0±20%
3.3
3.5
40
24
PI13038-1R5M
1.5±20%
5.1
5.5
35
19
PI13038-1R8M
1.8±20%
6.0
7.0
30
16.5
PI13038-2R2M
2.2±20%
7.2
8.0
29
16
PI13038-3R3M
3.3±20%
11.0
12.0
27
12
PI13038-4R7M
4.7±20%
14.3
15.0
24
10
PI13038-5R6M
5.6±20%
17.1
18.0
19
9.5
PI13038-6R8M
6.8±20%
19.8
22.0
18
9.0
PI13038-8R2M
8.2±20%
24.8
28.0
16
8.5
PI13038-100M
10±20%
30.4
34.0
14
7.0


Similar Part No. - PI13038

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PI13038Q1 FENGJUI-PI13038Q1 Datasheet
200Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038Q1-100M FENGJUI-PI13038Q1-100M Datasheet
200Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038Q1-1R0M FENGJUI-PI13038Q1-1R0M Datasheet
200Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038Q1-1R5M FENGJUI-PI13038Q1-1R5M Datasheet
200Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038Q1-1R8M FENGJUI-PI13038Q1-1R8M Datasheet
200Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PI13038

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI07024Q1 FENGJUI-PI07024Q1 Datasheet
197Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com