Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD73151N Datasheet(PDF) 5 Page - Will Semiconductor Ltd.

Part # ESD73151N
Description  1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

ESD73151N Datasheet(HTML) 5 Page - Will Semiconductor Ltd.

  ESD73151N Datasheet HTML 1Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 2Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 3Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 4Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 5Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 6Page - Will Semiconductor Ltd. ESD73151N Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ESD73151N
Will Semiconductor Ltd.
5
Revision 1.0, 2017/12/11
Typical characteristics (TA = 25
oC, unless otherwise noted)
ESD clamping
(+8kV contact discharge per IEC61000-4-2)
TLP Measurement
ESD clamping
(-8kV contact discharge per IEC61000-4-2
-24-21-18-15-12-9 -6 -3 0 3 6 9 12 15 18 21 24
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
Z
0 = 50
t
r = 2ns
t
p = 100ns
TLP voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com