Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI17070HC Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PI17070HC
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI17070HC Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI17070HC Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI17070HC Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
PI17070HC TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(Ω),Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=17.30m/m Max ; B=18.5m/m Max ; C=7.00m/m Max. ; D=12.0±0.3m/m ; E=3.20m/m Ref. ;
G=18.5m/m ; H=12.2m/m ; I=11.7m/m
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
PI17070HC-1R0M
1.0±20%
1.28
1.35
73.0
48.0
PI17070HC-1R5M
1.5±20%
1.78
1.88
65.0
42.0
PI17070HC-1R8M
1.8±20%
1.96
2.07
65.0
38.0
PI17070HC-2R2M
2.2±20%
2.40
2.53
62.0
35.0
PI17070HC-3R3M
3.3±20%
3.68
3.88
54.0
28.0
PI17070HC-4R7M
4.7±20%
4.84
5.11
41.0
25.0
PI17070HC-5R6M
5.6±20%
6.68
7.05
40.0
21.0
PI17070HC-6R8M
6.8±20%
8.37
8.83
32.0
19.0
PI17070HC-8R2M
8.2±20%
10.1
10.7
25.0
18.0
PI17070HC-100M
10±20%
11.6
12.0
25.0
16.5
Note1. Measurement frequency of Inductance value : at 100KHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30%(typ) from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient(typical)
Note5. Inductance tolerance: M: ±20%
Note6. Packaging: Taping ; 300pcs/reel


Similar Part No. - PI17070HC

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070-100M FENGJUI-PI17070-100M Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070-101M FENGJUI-PI17070-101M Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070-1R0M FENGJUI-PI17070-1R0M Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070-1R5M FENGJUI-PI17070-1R5M Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PI17070HC

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com