Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIT04012SP Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PIT04012SP
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PIT04012SP Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PIT04012SP Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PIT04012SP Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
PIT04012SP TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(Ω),Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=4.30m/m Max ; B=4.70m/m Max ; C=1.20m/m Max. ; D=2.00±0.2m/m ;
E=0.80m/m Ref. ; G=5.20m/m ; H=2.30m/m ; I=2.20m/m
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ) Max
Isat
(A)
Irms
(A)
PIT04012SP-R10N
0.10±30%
4.30
4.80
25.0
11.5
PIT04012SP-R15N
0.15±30%
5.50
6.10
19.0
10.0
PIT04012SP-R22M
0.22±20%
6.80
7.50
16.0
7.5
PIT04012SP-R33M
0.33±20%
13.6
15.0
9.0
7.0
PIT04012SP-R47M
0.47±20%
16.6
18.5
8.0
6.0
PIT04012SP-R68M
0.68±20%
31.0
36.0
7.0
5.0
PIT04012SP-1R0M
1.0±20%
42.0
47.0
5.0
4.0
PIT04012SP-1R5M
1.5±20%
58.0
64.0
4.5
3.0
PIT04012SP-2R2M
2.2±20%
69.0
79.0
4.0
2.5
PIT04012SP-3R3M
3.3±20%
84.0
97.0
3.0
2.0
PIT04012SP-4R7M
4.7±20%
122
141
2.6
1.8
PIT04012SP-6R8M
6.8±20%
240
276
2.0
1.6
PIT04012SP-8R2M
8.2±20%
324
376
1.9
1.4
PIT04012SP-100M
10±20%
380
440
1.6
1.2
Note1. Measurement frequency of Inductance value : at 100KHz, 1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30%(typ) from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient(typical)


Similar Part No. - PIT04012SP

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PIT04020 FENGJUI-PIT04020 Datasheet
326Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT04020-100M FENGJUI-PIT04020-100M Datasheet
326Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT04020-1R0M FENGJUI-PIT04020-1R0M Datasheet
326Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT04020-1R2M FENGJUI-PIT04020-1R2M Datasheet
326Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
PIT04020-1R5M FENGJUI-PIT04020-1R5M Datasheet
326Kb / 5P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PIT04012SP

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com