Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO1608 Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PO1608
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PO1608 Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  PO1608 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PO1608 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PO1608 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
P/N
L
(μH)
Marking
SRF
(MHz) typ
RDC
(Ω)Max
Isat
(A)
Irms
(A)
PO1608-101M
100±20%
101
9
1.27
0.31
0.30
PO1608-151M
150±20%
151
6
2.00
0.27
0.25
PO1608-221M
220±20%
221
5.5
3.11
0.22
0.20
PO1608-331M
330±20%
331
5
3.80
0.18
0.16
PO1608-471M
470±20%
471
4
5.06
0.16
0.15
PO1608-681M
680±20%
681
3
9.20
0.14
0.12
PO1608-102M
1000±20%
102
2
13.8
0.10
0.07
Note1. Measurement frequency of Inductance value : at 100KHz, 0.1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 10%(typ) from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient
Note5. Inductance tolerance: M: ±20%
Note5.Packaging: Taping ; Quantity: 2000 Pieces/reel
GENERAL CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com