Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO1608-331M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PO1608-331M
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PO1608-331M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PO1608-331M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PO1608-331M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PO1608-331M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
PO1608 TYPE
●FEATURE
1. High current capacity and Low DCR(used ceramic base)
2. High heat resistance, ideal for reflow soldering
●Applications
1. DC-DC converter
2. Set top box and Notebook and Server,etc
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=6.60 m/m MAX; B=4.45 m/m MAX ; C=2.92 m/m MAX ; D=1.02 m/m REF; E=1.27 m/m REF
F=3.05 m/m REF ; G=4.32 m/m REF (Black Marking: Inductance value)
●Specification
P/N
L
(μH)
Marking
SRF
(MHz) typ
RDC
(Ω)Max
Isat
(A)
Irms
(A)
PO1608-1R0M
1.0±20%
1R0
130
0.05
2.9
2.9
PO1608-1R5M
1.5±20%
1R5
115
0.06
2.6
2.8
PO1608-2R2M
2.2±20%
2R2
100
0.07
2.3
2.4
PO1608-2R7M
2.7±20%
2R7
75
0.08
2.1
2.1
PO1608-3R3M
3.3±20%
3R3
70
0.08
2.0
2.0
PO1608-4R7M
4.7±20%
4R7
50
0.09
1.5
1.5
PO1608-6R8M
6.8±20%
6R8
45
0.13
1.2
1.4
PO1608-8R2M
8.2±20%
8R2
40
0.16
1.15
1.3
PO1608-100M
10±20%
100
35
0.16
1.1
1.2
PO1608-150M
15±20%
150
30
0.23
0.9
1.1
PO1608-220M
22±20%
220
20
0.37
0.70
0.80
PO1608-330M
33±20%
330
15
0.51
0.58
0.60
PO1608-470M
47±20%
470
14
0.64
0.50
0.50
PO1608-680M
68±20%
680
11
0.86
0.40
0.40
1.40REF


Similar Part No. - PO1608-331M

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PO100 EDI-PO100 Datasheet
51Kb / 2P
75, 100 and 120 Ampere Bridges o Provides 0.40 C/W Junction-to-Case, Thermal Resistance
PO100-01 EDI-PO100-01 Datasheet
51Kb / 2P
75, 100 and 120 Ampere Bridges o Provides 0.40 C/W Junction-to-Case, Thermal Resistance
PO100-02 EDI-PO100-02 Datasheet
51Kb / 2P
75, 100 and 120 Ampere Bridges o Provides 0.40 C/W Junction-to-Case, Thermal Resistance
PO100-04 EDI-PO100-04 Datasheet
51Kb / 2P
75, 100 and 120 Ampere Bridges o Provides 0.40 C/W Junction-to-Case, Thermal Resistance
PO100-06 EDI-PO100-06 Datasheet
51Kb / 2P
75, 100 and 120 Ampere Bridges o Provides 0.40 C/W Junction-to-Case, Thermal Resistance
More results

Similar Description - PO1608-331M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com