| Electronic Components Datasheet Search |
|
N32905R7DN Datasheet(PDF) 22 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
N32905R7DN Datasheet(HTML) 22 Page - Nuvoton Technology Corporation |
|
22 / 47 page ![]() N3290X DATASHEET Nuvoton Technology Corp. 22 Release Date: May. 2013 http://www.nuvoton.com/ Rev. A5.1 Pin Name I/O Type Description LCD/Display Interface LPCLK IOU LCD Interface Pixel Clock, Output ● ● ● ● ● GPB[15] GPIO Port B Bit 15 LHSYNC IOU LCD Interface HSYNC, Output, High Active ● ● ● ● ● GPD[9] GPIO Port D Bit 9 LVSYNC IOU LCD Interface VSYNC, Output, High Active ● ● ● ● ● GPD[10] GPIO Port D Bit 10 LVDE IOU LCD Interface Data Enable, Output, High Active ● ● ● ● ● GPD[11] GPIO Port D Bit 11 LVDATA[0] IOU LCD Interface Data Bit 0 ● ● ● ● ● GPC[0] GPIO Port C Bit 0 LVDATA[1] IOU LCD Interface Data Bit 1 ● ● ● ● ● GPC[1] GPIO Port C Bit 1 LVDATA[2] IOU LCD Interface Data Bit 2 ● ● ● ● ● GPC[2] GPIO Port C Bit 2 LVDATA[3] IOU LCD Interface Data Bit 3 ● ● ● ● ● GPC[3] GPIO Port C Bit 3 LVDATA[4] IOU LCD Interface Data Bit 4 ● ● ● ● ● GPC[4] GPIO Port C Bit 4 CHIPCFG[8] Chip Power-On Configuration Bit [8], Input LVDATA[5] IOU LCD Interface Data Bit 5 ● ● ● ● ● GPC[5] GPIO Port C Bit 5 CHIPCFG[9] Chip Power-On Configuration Bit [9], Input LVDATA[6] IOU LCD Interface Data Bit 6 ● ● ● ● ● GPC[6] GPIO Port C Bit 6 CHIPCFG[10] Chip Power-On Configuration Bit [10], Input LVDATA[7] IOU LCD Interface Data Bit 7 ● ● ● ● ● GPC[7] GPIO Port C Bit 7 LVDATA[8] IOU LCD Interface Data Bit 8 ● ● ● ● ● ● ● |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |