Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8404CSQ Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

Part # SM8404CSQ
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM8404CSQ Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM8404CSQ Datasheet HTML 1Page - Sinopower Semiconductor Inc SM8404CSQ Datasheet HTML 2Page - Sinopower Semiconductor Inc SM8404CSQ Datasheet HTML 3Page - Sinopower Semiconductor Inc SM8404CSQ Datasheet HTML 4Page - Sinopower Semiconductor Inc SM8404CSQ Datasheet HTML 5Page - Sinopower Semiconductor Inc SM8404CSQ Datasheet HTML 6Page - Sinopower Semiconductor Inc SM8404CSQ Datasheet HTML 7Page - Sinopower Semiconductor Inc SM8404CSQ Datasheet HTML 8Page - Sinopower Semiconductor Inc SM8404CSQ Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SM8404CSQ
www.sinopowersemi.com
4
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.6 - December, 2015
®
P Channel Electrical Characteristics (T
A = 25°C unless otherwise noted)
P Channel
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=-250mA
-30
-
-
V
VDS=-24V, VGS=0V
-
-
-1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
-30
mA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250mA
-1.3
-1.8
-2.3
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
VGS=-10V, IDS=-5.2A
-
31
39
RDS(ON)
e
Drain-Source On-state Resistance
VGS=-4.5V, IDS=-3.2A
-
45
61
m
W
Diode Characteristics
VSD
e
Diode Forward Voltage
ISD=-1A, VGS=0V
-
-0.75
-1
V
trr
Reverse Recovery Time
-
13
-
ns
Qrr
Reverse Recovery Charge
IDS=-5.4A,
dlSD/dt=100A/ms
-
7
-
nC
Dynamic Characteristics
f
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
3.3
6.6
W
Ciss
Input Capacitance
-
580
754
Coss
Output Capacitance
-
105
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=-15V,
Frequency=1.0MHz
-
72
-
pF
td(ON)
Turn-on Delay Time
-
8.7
15.5
tr
Turn-on Rise Time
-
10
18
td(OFF)
Turn-off Delay Time
-
22
40
tf
Turn-off Fall Time
VDD=-15V, RL=15W,
IDS=-1A, VGEN=-10V,
RG=6W
-
9
16
ns
Gate Charge Characteristics
f
Qg
Total Gate Charge
VDS=-15V, VGS=-10V,
IDS=-5.4A
-
13
19.5
Qg
Total Gate Charge
-
6
9
Qgs
Gate-Source Charge
-
2
-
Qgd
Gate-Drain Charge
VDS=-15V, VGS=-4.5V,
IDS=-5.4A
-
3
-
nC
Note e:Pulse test; pulse width
£300
ms, duty cycle£2%.
Note f:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com