Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD9711B Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part # SPD9711B
Description  1-Line,Bi-directional,Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9711B Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

  SPD9711B Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9711B Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9711B Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9711B Datasheet HTML 4Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPD9711B
Will Semiconductor Ltd.
1
Revision 1.2, 2016/12/22
SPD9711B
1-Line,Bi-directional,Thyristor Surge Suppressors
Descriptions
The SPD9711B is a bi-directional TSS (Thyristor
Surge Suppressors). It is specifically designed to
protect
telecom
equipments
from
damaging
overvoltage transients.
The SPD9711B is used to enable equipments to
meet
various
regulatory
requirements
including
GR-1089-CORE, ITU-T K.20, K.21 and K.45, IEC
61000-4-5, IEC 60950, UL 60950, and TIA-968.
The SPD9711B is available in SMB package.
Standard products are Pb-free and Halogen-free.
Features
Peak off-state voltage: 275V Max
Excellent capability of absorbing transient surge
Quick response to surge voltage
Eliminate voltage overshoot caused by fast-rising
transients
Low capacitance: CJ = 80pF Max.
Low peak off-state current: <1
μA
Solid-state silicon technology, non degenerative
Applications
Broadband Equipment such as ADSL/VDSL
Baseband Equipment such as ISDN
CATV Equipment
Customer Premises Equipment (CPE) such as
telephones, fax machines, modems and VoIP
Data lines and security systems
http//:www.sh-willsemi.com
SMB (DO-214AA)
Schematic Diagram
9711B
= Device code
AA
= Special code
Y
= Year code
W
= Week code
Marking (Top View)
Order information
Device
Package
Shipping
SPD9711B-2/TR
SMB
3000/Tape&Reel
9711B
AAYW


Similar Part No. - SPD9711B

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SPD900-9P ROITHNER-SPD900-9P Datasheet
628Kb / 2P
stem type pin-photodiode
logo
Will Semiconductor Ltd.
SPD91011W WILLSEMI-SPD91011W Datasheet
447Kb / 6P
1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD91011W-2/TR WILLSEMI-SPD91011W-2/TR Datasheet
447Kb / 6P
1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD9103W WILLSEMI-SPD9103W Datasheet
176Kb / 5P
1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
SPD9103W-2/TR WILLSEMI-SPD9103W-2/TR Datasheet
176Kb / 5P
1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
More results

Similar Description - SPD9711B

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
SPD4200B WILLSEMI-SPD4200B Datasheet
277Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD8811B WILLSEMI-SPD8811B Datasheet
192Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9231A WILLSEMI-SPD9231A Datasheet
162Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9231B WILLSEMI-SPD9231B Datasheet
180Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9241A WILLSEMI-SPD9241A Datasheet
187Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9251A WILLSEMI-SPD9251A Datasheet
191Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9261A WILLSEMI-SPD9261A Datasheet
335Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9321A WILLSEMI-SPD9321A Datasheet
145Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9511B WILLSEMI-SPD9511B Datasheet
441Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD9611B WILLSEMI-SPD9611B Datasheet
497Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com