Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRM4R9N10CT Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PRM4R9N10CT
Description  100V Single N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PRM4R9N10CT Datasheet(HTML) 1 Page - PFC Device Inc.

  PRM4R9N10CT Datasheet HTML 1Page - PFC Device Inc. PRM4R9N10CT Datasheet HTML 2Page - PFC Device Inc. PRM4R9N10CT Datasheet HTML 3Page - PFC Device Inc. PRM4R9N10CT Datasheet HTML 4Page - PFC Device Inc. PRM4R9N10CT Datasheet HTML 5Page - PFC Device Inc. PRM4R9N10CT Datasheet HTML 6Page - PFC Device Inc. PRM4R9N10CT Datasheet HTML 7Page - PFC Device Inc. PRM4R9N10CT Datasheet HTML 8Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100V Single N-Channel MOSFET
Apr-2018
Version 4.3
1 / 8
PFC Device Corporation
PRM4R9N10CT
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
VDS
100
V
ID
5 (T
C=25℃)
110
A
Max. RDS(ON)@VGS=10V
4.9
mΩ
Ω
Ω
Ω
TJ Operating Junction
Temperature
-55 to +150
oC
General Description
The N-Channel enhancement mode power
field effect transistor is using trench DMOS
technology. This advanced technology has
been especially tailored to minimize
on-state resistance, provide superior
switching performance, and withstand high
energy pulse in the avalanche and
commutation mode. The device is well
suited for high efficiency fast switching
applications.
Typical Applications
Charger Adapter
Power Tools
LED Lighting
Features
Max. RDS(ON)=4.9mΩ@VGS=10V
Improved dv/dt capability
Fast switching
100% EAS Guaranteed
Green Device Available
PRM4R9N10CT
TO-220
TO-220AB
G
D
S


Similar Part No. - PRM4R9N10CT

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PRM4R9N10CTF PFC-PRM4R9N10CTF Datasheet
832Kb / 8P
100V Single N-Channel MOSFET
More results

Similar Description - PRM4R9N10CT

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PRM7R7N10CT PFC-PRM7R7N10CT Datasheet
866Kb / 8P
100V Single N-Channel MOSFET
PRM8R0N10E PFC-PRM8R0N10E Datasheet
805Kb / 7P
100V Single N-Channel MOSFET
PRM8R5N10CTF PFC-PRM8R5N10CTF Datasheet
856Kb / 8P
100V Single N-Channel MOSFET
PRM9R2N10CT PFC-PRM9R2N10CT Datasheet
884Kb / 8P
100V Single N-Channel MOSFET
PRM9R2N10N5 PFC-PRM9R2N10N5 Datasheet
813Kb / 7P
100V Single N-Channel MOSFET
PRM010N10CTF PFC-PRM010N10CTF Datasheet
782Kb / 8P
100V Single N-Channel MOSFET
PRM012N10D PFC-PRM012N10D Datasheet
855Kb / 8P
100V Single N-Channel MOSFET
PRM012N10E PFC-PRM012N10E Datasheet
795Kb / 8P
100V Single N-Channel MOSFET
PRM020N10E PFC-PRM020N10E Datasheet
868Kb / 8P
100V Single N-Channel MOSFET
PRM040N10D PFC-PRM040N10D Datasheet
847Kb / 8P
100V Single N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com