Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC147 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC147
Description  10-to-4 Line Priority Encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC147 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC147 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC147 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC147 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC147 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5007
November 1995
MM54HC147MM74HC147
10-to-4 Line Priority Encoder
General Description
This high speed 10-to-4 Line Priority Encoder utilizes ad-
vanced silicon-gate CMOS technology It possesses the
high noise immunity and low power consumption of stan-
dard CMOS integrated circuits This device is fully buffered
giving it a fanout of 10 LS-TTL loads
The MM54HC147MM74HC147 features priority encoding
of the inputs to ensure that only the highest order data line
is encoded Nine input lines are encoded to a four line BCD
output The implied decimal zero condition requires no input
condition as zero is encoded when all nine data lines are at
a high logic level All data inputs and outputs are active at
the low logic level
The 54HC74HC logic family is functionally as well as pin-
out compatible with the standard 54LS74LS logic family
All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground
Features
Y
Low quiescent power consumption 40 mW maximum at
25 C
Y
High speed 31 ns propagation delay (typical)
Y
Low input current 1 mA maximum
Y
Wide supply range 2V to 6V
Connection and Logic Diagrams
Dual-In-Line Package
TLF5007 – 1
Top View
Order Number MM54HC147 or MM74HC147
Truth Table
Inputs
Outputs
123456789
D
C
B
A
HHHHHHHHHHHHH
XXXXXXXX
L
L
H
H
L
XXXXXXX
LHLH
H
H
XXXXXX
LH
H
H
L
L
L
XXXXX
L
HHHH
L
L
H
XXXX
L
HHHH
HLHL
X
X
X
L
HHHHHH
L
H
H
X
X
L
HHHHHHHH
L
L
X
L
HHHHHHHHH
L
H
L
HHHHHHHHHHH
L
H e High Logic Level L e Low Logic Level X e Irrelevant
TLF5007 – 2
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MM74HC147

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC147N NSC-MM74HC147N Datasheet
105Kb / 4P
10-to-4 Line Priority Encoder
More results

Similar Description - MM74HC147

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
10-to-4 line priority encoder
2003 Oct 30
logo
STMicroelectronics
HCC40147B STMICROELECTRONICS-HCC40147B Datasheet
275Kb / 12P
10 TO 4 LINE BCD PRIORITY ENCODER
Apr-1991
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
10 TO 4 LINE PRIORITY ENCODER
Oct-1992
logo
Texas Instruments
CD40147B TI-CD40147B Datasheet
436Kb / 10P
10-LINE TO 4-LINE BCD PRIORITY ENCODER
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
10-to-4-line Priority Encoder
logo
Intersil Corporation
ACS147MS INTERSIL-ACS147MS Datasheet
39Kb / 2P
Radiation Hardened 10-to-4 Line Priority Encoder
July 1999
CD40147BMS INTERSIL-CD40147BMS Datasheet
81Kb / 8P
10 Line to 4 Line BCD Priority Encoder
December 1992
logo
NXP Semiconductors
74HC147N PHILIPS-74HC147N Datasheet
43Kb / 7P
10-TO-4 LINE PRIORITY ENCODER
December 1990
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
10-to-4 Line Priority Encoder
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
10-to-4-line Priority Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com