Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3D18P Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # S3D18P
Description  SLIM INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

S3D18P Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  S3D18P Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. S3D18P Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. S3D18P Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
Part Number
L(uH)
Marking
DCR(Ω±20%)
Isat(A)
Irms(A)
S3D18P-390M
39±20%
WHITE
0.650
0.56
0.48
S3D18P-470M
47±20%
BLACK
0.790
0.52
0.45
S3D18P-560M
56±20%
BROWN
0.862
0.48
0.40
S3D18P-680M
68±20%
RED
1.000
0.40
0.36
S3D18P-101M
100±20%
YELLOW
1.380
0.32
0.36
S3D18P-151M
150±20%
YELLOW
2.410
0.24
0.32
S3D18P-181M
180±20%
VIOLET
3.420
0.24
0.29
S3D18P-221M
220±20%
RED
3.900
0.23
0.29
S3D18P-331M
330±20%
ORANGE
5.170
0.18
0.24
S3D18P-471M
470±20%
GREEN
8.420
0.15
0.19
S3D18P-681M
680±20%
BLUE
10.30
0.13
0.16
S3D18P-102M
1000±20%
BLACK
15.20
0.10
0.13
Note1. Measurement frequency of Inductance value : at 1KHz, 1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat : The rated current indicates the current when the inductance decreases 35% Max from nominal value
Note4. Irms: D.C. current when at ∆t=30℃(typ.),(Ta=20℃))
Note5. Inductance tolerance: M: ±20%
Note6. Packaging: Taping ; Quantity: 1000 Piece/reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com