Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7582 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM7582
Description  pie/4 Shift QPSK MODEM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7582 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM7582 Datasheet HTML 14Page - OKI electronic componets MSM7582 Datasheet HTML 15Page - OKI electronic componets MSM7582 Datasheet HTML 16Page - OKI electronic componets MSM7582 Datasheet HTML 17Page - OKI electronic componets MSM7582 Datasheet HTML 18Page - OKI electronic componets MSM7582 Datasheet HTML 19Page - OKI electronic componets MSM7582 Datasheet HTML 20Page - OKI electronic componets MSM7582 Datasheet HTML 21Page - OKI electronic componets MSM7582 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
¡ Semiconductor
MSM7582/7582B
18/24
(2) CR1 (I, Q gain adjustment)
B7
B6
B5
B4
B3
B2
B1
B0
Ich
GAIN3
Ich
GAIN2
Ich
GAIN1
Ich
GAIN0
Qch
GAIN3
Qch
GAIN2
Qch
GAIN1
Qch
GAIN0
00000000
Initial value
CR1
B7 to B4: I+/I– output gain setting, in 3 mV steps (Refer to Table-3.)
B3 to B0: Q+/Q– output gain setting, in 3 mV steps (Refer to Table-3.)
(3) CR2 (ENV gain adjustment)
B7
B6
B5
B4
B3
B2
B1
B0
ENV
GAIN3
ENV
GAIN2
ENV
GAIN1
ENV
GAIN0
————
00000000
Initial value
CR2
B7 to B4: ENV output gain adjustment (Refer to Table-3.)
B3 to B0: Not used
Table-3 I, Q, and ENV Output Gain Values
CR1-B7
-B6 -B5 -B4
CR1-B3
-B2 -B1 -B0
CR2-B7
-B6 -B5 -B4
0
111
0
110
0
101
0
100
0
011
0
010
0
001
0
000
1
111
1
110
1
101
1
100
1
011
1
010
1
001
1
000
Amplitude
1.042
1.036
1.030
1.024
1.018
1.012
1.006
1.000
0.994
0.988
0.982
0.976
0.970
0.964
0.958
0.952
¥ Reference value
(Reference value)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com