Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD5D20-331M Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SD5D20-331M
Description  SLIM INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SD5D20-331M Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  SD5D20-331M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SD5D20-331M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. SD5D20-331M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
SD5D20 TYPE
●FEATURE
1.
Low profile and small size(Height=2.00MAX)
2.
Low DC resistance
3.
Magnetic Shielding type
●Applications
1.
Digital camera and others portable
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=5.30m/m MAX ; B=5.30m/m MAX ; C=2.00m/m MAX ; D=1.50m/m TYP. ;
MARKING= Inductance value
●Specification
Part Number
L
(uH)
Marking
DCR
(ΩTyp.)
Isat
(A)
Irms
(A)
SD5D20-R47N
0.47±30%
R47
0.0200
4.00
3.59
SD5D20-1R2N
1.2±30%
1R2
0.0275
2.55
3.07
SD5D20-1R5N
1.5±30%
1R5
0.0312
2.15
2.88
SD5D20-2R2N
2.2±30%
2R2
0.0429
1.87
2.45
SD5D20-3R3N
3.3±30%
3R3
0.0547
1.47
2.17
SD5D20-4R7N
4.7±30%
4R7
0.0612
1.33
2.05
SD5D20-6R2N
6.2±30%
6R2
0.0720
1.12
1.89
SD5D20-8R2N
8.2±30%
8R2
0.1000
0.966
1.61
SD5D20-100M
10±20%
100
0.1100
1.000
1.53
SD5D20-150M
15±20%
150
0.1655
0.718
1.25
SD5D20-220M
22±20%
220
0.2053
0.596
1.12
SD5D20-330M
33±20%
330
0.3100
0.491
0.913
SD5D20-470M
47±20%
470
0.4650
0.406
0.745
SD5D20-680M
68±20%
680
0.6947
0.337
0.610
SD5D20-820M
82±20%
820
0.7785
0.308
0.576
2.575
2.975
5.95
5.15
1.0
R2.250


Similar Part No. - SD5D20-331M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
SD5D20-331M FENGJUI-SD5D20-331M Datasheet
176Kb / 6P
SLIM INDUCTOR-RoHS
More results

Similar Description - SD5D20-331M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH252010H-R FENGJUI-PQH252010H-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
SD5D12 FENGJUI-SD5D12 Datasheet
289Kb / 3P
SLIM INDUCTOR-RoHS
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4030 FENGJUI-SDIA4030 Datasheet
179Kb / 3P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA8020 FENGJUI-SDIA8020 Datasheet
209Kb / 2P
SLIM INDUCTOR-RoHS
TPRH2D14 FENGJUI-TPRH2D14 Datasheet
182Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com