Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1691OSCS Datasheet(PDF) 8 Page - Sinopower Semiconductor Inc

Part # SM1691OSCS
Description  Single N-Channel Enhancement Mode MOSFET with Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM1691OSCS Datasheet(HTML) 8 Page - Sinopower Semiconductor Inc

Back Button SM1691OSCS Datasheet HTML 4Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 5Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 6Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 7Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 8Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 9Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 10Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 11Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 12Page - Sinopower Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.sinopowersemi.com
8
SM1691OSCS
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.3 - May, 2018
VF - Diode Forward Voltage (V)
Source-Drain Diode Forward
Capacitance
Channel 2 Typical Operating Characteristics
Body Diode Reverse Leakage
Current
V
BR - Reverse Voltage (V)
0
5
10
15
20
25
30
35
0
4
8
12
16
20
Frequency=1MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
T
j=125
oC
T
j=0
oC
T
j=-40
oC
T
j=75
oC
T
j=25
oC
0
5
10
15
20
25
30
35
40
1E-5
1E-4
1E-3
0.01
0.1
1
10
100
1000
T
j=-40
oC
T
j=0
oC
T
j=25
oC
T
j=75
oC
T
j=125
oC
V
BR - Reverse Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com