Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB0899 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB0899
Description  Multistandard advance demodulator STB0899 Digital TV satellite set-top boxes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB0899 Datasheet(HTML) 1 Page - STMicroelectronics

  STB0899 Datasheet HTML 1Page - STMicroelectronics STB0899 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA BRIEF
December 2004
STB0899
Multistandard advance demodulator STB0899
Digital TV satellite set-top boxes
Rev. 1
DESCRIPTION
The
STB0899
advanced
demodulator
from
STMicroelectronics enables digital set-top boxes
to process base-band DVB-S2 signals into digital
video transport stream data. This data is then
ready to be fed directly to the STB decoder.
By
incorporating
the
DVB-S
standard,
the
STB0899 supports seamless migration to DVB-S2
services.
The STB0899 and STB6100 silicon tuner may be
coupled with a decoder from ST’s OMEGA range,
thus forming a complete silicon solution for
DVB-S / DVB-S2 set-top boxes.
The interface between these devices has been
designed to ensure simple layouts and the lowest
possible bill of materials cost.
Package (208 pin PQFP package)
Figure 1. STB0899 DVB-S2 set-top box
xxxx
STB0899
STB6100
OMEGA decoder
LNBP22
LNB power supply
Tuner
Demodulator
Back-end chip
I²C
I, Q
Clk
DiSEqC
I²C
TS


Similar Part No. - STB0899

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
STB01-0-0 TEC-STB01-0-0 Datasheet
385Kb / 3P
STD and STB Markers
STB01-0-1 TEC-STB01-0-1 Datasheet
385Kb / 3P
STD and STB Markers
STB01-0-2 TEC-STB01-0-2 Datasheet
385Kb / 3P
STD and STB Markers
STB01-0-3 TEC-STB01-0-3 Datasheet
385Kb / 3P
STD and STB Markers
STB01-0-4 TEC-STB01-0-4 Datasheet
385Kb / 3P
STD and STB Markers
More results

Similar Description - STB0899

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
MULTISTANDARD TV SOUND DEMODULATOR
Jan-1999
DTTI5516 STMICROELECTRONICS-DTTI5516 Datasheet
87Kb / 2P
Single module demodulator and decoder IC for digital video set-top boxes
Mar-2004
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
Multistandard TV Audio Processor and Digital Sound Demodulator
May-2004
QAMI5516 STMICROELECTRONICS-QAMI5516 Datasheet
54Kb / 2P
Single module demodulator and decoder IC for digital video set-top boxes
March 2004
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
Multistandard TV Audio Processor and Digital Sound Demodulator
25-Feb-2005
STV0900 STMICROELECTRONICS-STV0900 Datasheet
68Kb / 5P
Multistandard advanced dual demodulator for Satellite Digital TV and Data services set-top boxes
21-Dec-2006
STV0903 STMICROELECTRONICS-STV0903 Datasheet
54Kb / 5P
Multi-standard advanced demodulator for satellite digital TV and data services set-top boxes
21-Aug-2008
logo
Texas Instruments
TPS65230 TI-TPS65230 Datasheet
937Kb / 26P
POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
TPS65230 TI1-TPS65230_15 Datasheet
1Mb / 30P
POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
logo
STMicroelectronics
STV0910 STMICROELECTRONICS-STV0910 Datasheet
53Kb / 4P
Multi-standard advanced dual demodulator for satellite digital TV broadcast set-top boxes
12-Dec-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com