Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16CL596 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16CL596
Description  LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CL596 Datasheet(HTML) 1 Page - STMicroelectronics

  STP16CL596 Datasheet HTML 1Page - STMicroelectronics STP16CL596 Datasheet HTML 2Page - STMicroelectronics STP16CL596 Datasheet HTML 3Page - STMicroelectronics STP16CL596 Datasheet HTML 4Page - STMicroelectronics STP16CL596 Datasheet HTML 5Page - STMicroelectronics STP16CL596 Datasheet HTML 6Page - STMicroelectronics STP16CL596 Datasheet HTML 7Page - STMicroelectronics STP16CL596 Datasheet HTML 8Page - STMicroelectronics STP16CL596 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
July 2005
I
LOW VOLTAGE POWER SUPPLY DOWN TO
3V
I
16 CONSTANT CURRENT OUTPUT
CHANNELS
I
ADJUSTABLE OUTPUT CURRENT
THROUGH EXTERNAL RESISTOR
I
SERIAL DATA IN/PARALLEL DATA OUT
I
SERIAL OUT CHANGES STATE ON THE
FALLING EDGES OF CLOCK
I
3.3V MICRO DRIVER-ABLE
I
OUTPUT CURRENT: 15-90 mA
I
25 MHz CLOCK FREQ.
I
AVAILABLE IN HIGH THERMAL EFFICIENCY
TSSOP EXPOSED PAD
DESCRIPTION
The STP16CL596 is a monolithic, low voltage, low
current power 16-bit shift register designed for
LED panel displays. The STP16CL596 contains a
16-bit serial-in, parallel-out shift register that feeds
a 16-bitD-type storage register. In the output
stage, sixteen regulated current sources were
designed to provide 15-90mA constant current to
drive the LEDs.
Compared with the STPIC6C595, the device
provides
great
flexibility
and
improved
performance in LED panel system design.
Trough an external resistor, users can adjust the
STP16CL596 output current, controlling in this
way the light intensity of LEDs.
The STP16CL596 guarantees a 16V output
driving capability, allowing users to connect more
LEDs in series. The high clock frequency, 25 MHz,
also satisfies the system requirement of high
volume data transmission. The 3.3V of voltage
supply is well useful for applications that interface
any micro from 3.3V. Compared with a standard
TSSOP package, the TSSOP exposed pad
increases heat dissipation capability by a 2.5
factor.
Table 1: Order Codes
Part Number
Package
Comments
STP16CL596B1R
DIP-24
15 parts per tube
STP16CL596M
SO-24 (Tube)
40 parts per tube
STP16CL596MTR
SO-24 (Tape & Reel)
1000 parts per reel
STP16CL596TTR
TSSOP24 (Tape & Reel)
2500 parts per reel
STP16CL596XTTR
TSSOP24 Exposed-Pad (Tape & Reel)
2500 parts per reel
STP16CL596
LOW VOLTAGE 16-BIT CONSTANT
CURRENT LED SINK DRIVER
SO-24
TSSOP24
(exposed pad)
DIP-24
TSSOP24
Rev. 8


Similar Part No. - STP16CL596

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
25-Jul-2005
STP16C596AB1R STMICROELECTRONICS-STP16C596AB1R Datasheet
541Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
25-Jul-2005
STP16C596AM STMICROELECTRONICS-STP16C596AM Datasheet
541Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
25-Jul-2005
STP16C596AMTR STMICROELECTRONICS-STP16C596AMTR Datasheet
541Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
25-Jul-2005
More results

Similar Description - STP16CL596

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
Low voltage 16-Bit, constant current LED sink driver
16-May-2006
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
Low voltage 16-bit constant current LED sink driver
20-Jan-2010
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com